Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8595 Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
Production Data
WM8595
w
PD, Rev 4.2, January 2011
37
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R30
INPUT_CTRL1
1Eh
3:0
ADCL_
SEL[3:0]
0000
ADC Input Select
0000 = IN1L
0001 = IN2L
0010 = IN3L
0011 = IN4L
0100 = IN5L
0101 = IN6L
0110 = Reserved
0111 = Reserved
1000 = IN1R
1001 = IN2R
1010 = IN3R
1011 = IN4R
1100 = IN5R
1101 = IN6R
1110 = Reserved
1111 = Reserved
7:4
ADCR_
SEL[4:0]
1000
9:8
ADC_AMP
_VOL[1:0]
10
ADC Amplifier Gain Control
00 = 0dB
01 = +3dB
10 = +6dB
11 = +12dB
10
ADC_
SWITCH_
EN
0
ADC Input Switch Control
0 = ADC input switches open
1 = ADC input switches closed
R31
INPUT_CTRL2
1Fh
6
ADCL_
AMP_EN
0
ADC Input Amplifier Enable Controls
0 = Amplifier disabled
1 = Amplifier enabled
7
ADCR_
AMP_EN
0
Table 28 ADC Input Switch Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com