Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8595 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
WM8595
Production Data
w
PD, Rev 4.2, January 2011
28
DIGITAL AUDIO DATA SAMPLING RATES
In a typical digital audio system there is one central clock source producing a reference clock to
which all audio data processing is synchronised. This clock is often referred to as the audio system’s
master clock. The WM8595 uses independent master clocks for ADC and DACs. The external
master clocks can be applied directly to the ADCMCLK, DACMCLK1 and DACMCLK2 input pins. In a
system where there are a number of possible sources for the reference clock, it is recommended that
the clock source with the lowest jitter be used for the master clock to optimise the performance of the
WM8595.
In slave clocking mode the WM8595 has a master detection circuit that automatically determines the
relationship between the master clock frequency (ADCMCLK, DACMCLK1, DACMCLK2) and the
sampling rate (ADCLRCLK, DACLRCLK1, DACLRCLK2), to within +/- 32 system clock periods. The
master clocks must be synchronised with the left/right clocks, although the device is tolerant of
phase variations or jitter on the master clocks.
The ADC supports master clock to sampling clock ratios of 256fs to 768fs and sampling rates of
32kHz to 96kHz, provided the internal signal processing of the ADC is programmed to operate at the
correct rate. The DACs support master clock to sampling clock ratios of 128fs to 1152fs and
sampling rates of 32kHz to 192kHz, provided the internal signal processing of the DACs is
programmed to operate at the correct rate.
Table 14 shows typical master clock frequencies and sampling rates supported by the WM8595
ADC. Table 15 shows typical master clock frequencies and sampling rates supported by the
WM8595 DACs.
Sampling Rate
(ADCLRCLK)
MASTER CLOCK FREQUENCY (MHZ)
256fs
384fs
512fs
768fs
32kHz
8.192
12.288
16.384
24.576
44.1kHz
11.2896
16.9344
22.5792
33.8688
48kHz
12.288
18.432
24.576
36.864
88.2kHz
22.5792
33.8688
Unavailable
Unavailable
96kHz
24.576
Unavailable
Unavailable
Unavailable
Table 14 ADC Master Clock Frequency Versus Sampling Rate
Sampling Rate
(DACLRCLK1
DACLRCLK2)
MASTER CLOCK FREQUENCY (MHZ)
128fs
192fs
256fs
384fs
512fs
768fs
1152fs
32kHz
Unavailable
Unavailable
8.192
12.288
16.384
24.576
36.864
44.1kHz
Unavailable
8.4672
11.2896
16.9344
22.5792
33.8688
Unavailable
48kHz
Unavailable
9.216
12.288
18.432
24.576
36.864
Unavailable
88.2kHz
11.2896
16.9344
22.5792
33.8688
Unavailable
Unavailable
Unavailable
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
Unavailable
176.4kHz
22.5792
33.8688
Unavailable
Unavailable
Unavailable
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable
Unavailable
Unavailable
Unavailable
Unavailable
Table 15 DAC Master Clock Frequency Versus Sampling Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com