Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8595 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8595 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
w
WM8595
24-bit 192kHz 2Vrms Multi-Channel CODEC
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, January 2011, Rev 4.2
Copyright
©2011 Wolfson Microelectronics plc
DESCRIPTION
The WM8595 is a high performance multi-channel audio
CODEC with flexible input/output selection and digital and
analogue volume control. Features include a 24-bit stereo
ADC with digital gain control, two 24-bit DACs with
independent volume control and clocking, and a range of
input/output channel selection options with analogue volume
control for flexible routing within current and future audio
systems.
The WM8595 has a six stereo input selector which accepts
input levels up to 2Vrms. One stereo input can be selected
through an input mux to be routed through to the ADC.
The WM8595 outputs two stereo audio channels at line
levels up to 2Vrms, driven from independent DACs. The
DAC channels include independent digital volume control,
and both stereo output channels include analogue volume
control with soft ramp.
The WM8595 supports up to 2Vrms analogue inputs, 2Vrms
outputs, with sample rates from 32kHz to 192kHz on the
DACs, and 32kHz to 96kHz on the ADC.
The WM8595 is controlled via a serial interface with support
for 2-wire and 3-wire control with full readback. Control of
mute, emergency shutdown and reset can also be achieved
by pin selection.
The WM8595 is ideal for audio applications requiring high
performance and flexible routing options, including flat panel
digital TV and DVD recorder.
The WM8595 is available in a 48-pin QFN package.
FEATURES
•
Multi-channel CODEC with 6 stereo input selector and 2
stereo output selector
•
4-channel DAC, 2-channel ADC
•
6x2Vrms stereo input selector to ADC
•
2x2Vrms stereo output
•
Audio performance
-
DAC: 100dB SNR typical (‘A’ weighted @ 48kHz)
-
DAC: -87dB THD typical
-
ADC: 96dB SNR typical (‘A’ weighted @ 48kHz)
-
ADC: -80dB THD typical
•
Independent sampling rate for ADC and DACs possible
•
DACs sampling frequency 32kHz – 192kHz
•
ADC sampling frequency 32kHz – 96kHz
•
DAC digital volume control +12dB to -100dB in 0.5dB
steps
•
ADC digital volume control from +30dB to -97dB in 0.5dB
steps
•
ADC input analogue boost control, selectable from 0dB,
+3dB, +6dB and +12dB
•
Output analogue volume control +6dB to -73.5dB in 0.5dB
steps with zero cross or soft ramp to prevent pops and
clicks
•
Digital multiplexer to interface to multiple digital sources –
DSP, HDMI, memory card
•
2-wire and 3-wire serial control interface with readback and
hardware reset, mute and emergency shutdown pins
•
ADC features master or slave clocking modes
•
Programmable format audio data interface modes
-
I2S, LJ, RJ, DSP
•
3.3V / 9V analogue, 3.3V digital supply operation
•
48-pin QFN package
APPLICATIONS
•
Digital Flat Panel TV
•
DVD-RW
•
Set Top Boxes


Similar Part No. - WM8595

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8590 WOLFSON-WM8590 Datasheet
538Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8590GEDS/RV WOLFSON-WM8590GEDS/RV Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8590GEDS/RV WOLFSON-WM8590GEDS/RV Datasheet
538Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8590GEDS/V WOLFSON-WM8590GEDS/V Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
More results

Similar Description - WM8595

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
24 BIT 192KHZ STEREO CODEC
WM8771 WOLFSON-WM8771 Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8591_051 WOLFSON-WM8591_051 Datasheet
535Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8593 WOLFSON-WM8593_07 Datasheet
1,014Kb / 98P
24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8594 WOLFSON-WM8594_07 Datasheet
788Kb / 78P
24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8599 WOLFSON-WM8599_06 Datasheet
760Kb / 74P
24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
24-bit, 192kHz Stereo CODEC
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
24-bit 192kHz Stereo DAC with 2Vrms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com