Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8595 Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
WM8595
Production Data
w
PD, Rev 4.2, January 2011
46
POP AND CLICK PERFORMANCE
The WM8595 includes a number of features designed to minimise pops and clicks in various phases
of operation including power up, power down, changing analogue paths and starting/stopping clocks.
In order to ensure optimum performance, the following sequences should be followed.
POWERUP SEQUENCE
1.
Apply power to the WM8595 (see Power On Reset).
2.
Set-up initial internal biases:
•
SOFT_ST=1
•
FAST_EN=1
•
POBCTRL=1
•
BUFIO_EN=1
3.
Enable output drivers to allow the AC coupling capacitors at the output stage to be pre-
charged to VMID2C:
•
VOUTxL_EN=1
•
VOUTxR_EN=1
4.
Enable VMID2C. Highest resistance string selected here for optimum pop reduction:
•
VMID_SEL=10
5.
Wait until VMID2C has fully charged. The time is dependent on the capacitor values used
to AC-couple the outputs and to decouple VMID2C, and the VMID_SEL value chosen. An
approximate delay of 6xRCms can be used, where R is the VMID2C resistance (between
AVDD1 and VMID2C) and C is the decoupling capacitor on VMID2C, although this time
should be determined by the customer using the exact application configuration for best
results.
•
Insert delay
6.
Enable the master bias and VMID2C buffer:
•
BIAS_EN=1
7.
Switch the output drivers to use the master bias instead of the power up (fast) bias:
•
POBCTRL=0
8.
Enable all functions (DACs, ADC, PGAs) required for use. Outputs are muted by default so
the write order is not important.
9.
Unmute the PGAs and switch VMID2C resistance to mid setting for normal operation:
•
PGAxL_MUTE=0
•
PGAxR_MUTE=0
•
VMID_SEL=01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com