Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8595 Datasheet(PDF) 78 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 78 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 82Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 78 / 82 page
background image
WM8595
Production Data
w
PD, Rev 4.2, January 2011
78
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
AVDD1
AVDD2
DVDD
SHUTDOWN
MUTE
RESET
CIFMODE
CS
SCLK
SDA
SDOUT
GPIO1
GPIO2
MCLK1
LRCLK1
BCLK1
DACDAT1
MCLK2
LRCLK2
BCLK2
DACDAT2
ADCDAT
IN1L
IN1R
IN2L
IN2R
IN3L
IN3R
IN4L
IN4R
IN5L
IN5R
IN6L
IN6R
AGND1
AGND2
DGND
Control
Interface
Digital
Audio
Interface
AC-Coupled
Inputs
Analogue
+3.3V
C1
4.7µF
C2
4.7µF
C3
4.7µF
VREF1C
C4
4.7µF
VREF1GND
VMID1C
C5
4.7µF
VREF2VDD
C6
4.7µF
VREF2GND
VMID2C
C7
4.7µF
Analogue
+9V
Digital
+3.3V
Analogue
+3.3V
GND
GND
GND
GND
LINEOUT1L
LINEOUT1R
LINEOUT2L
LINEOUT2R
AC-Coupled
Outputs
42
18
11
15
16
17
44
46
47
48
45
1
2
4
5
6
7
8
9
10
13
14
24
25
26
27
28
29
30
31
32
33
34
35
43
19
12
36
38
37
39
41
40
23
22
21
20
Notes:
1.
AGND and DGND should ideally share a continuous ground plane. Where this is not possible, it
is recommended that AGND and DGND are connected as close to the WM8595 as possible.
2.
Decoupling capacitors shown are very low-ESR, multilayer ceramic capacitors and should be
placed as near to the WM8595 as possible. Equally good audio performance may be obtained
using 0.1μF ceramic capacitors near to the WM8595, with a 10μF electrolytic capacitor nearby.
Note that power up time is a function of the VMID2C resistor string setting and the decoupling
capacitor C7.
3.
The exposed paddle on the bottom of the QFN package should be connected to AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com