Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8595 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
Production Data
WM8595
w
PD, Rev 4.2, January 2011
25
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
DAC1_LRP
0
DAC1 LRCLK Polarity
0 = DACLRCLK not inverted
1 = DACLRCLK inverted
R7
DAC2_CTRL1
07h
1:0
DAC2_
FMT[1:0]
10
DAC2 Audio Interface Format
00 = Right Justified
01 = Left Justified
10 = I2S
11 = DSP
3:2
DAC2_
WL[1:0]
10
DAC2 Audio Interface Word Length
00 = 16-bit
01 = 20-bit
10 = 24-bit
11 = 32-bit (not available in Right Justified
mode)
4
DAC2_BCP
0
DAC2 BCLK Polarity
0 = DACBCLK not inverted - data latched on
rising edge of BCLK
1 = DACBCLK inverted - data latched on
falling edge of BCLK
5
DAC2_LRP
0
DAC2 LRCLK Polarity
0 = DACLRCLK not inverted
1 = DACLRCLK inverted
R13
ADC_CTRL1
0Dh
1:0
ADC_
FMT[1:0]
10
ADC Audio Interface Format
00 = Right Justified
01 = Left Justified
10 = I2S
11 = DSP
3:2
ADC_
WL[1:0]
10
ADC Audio Interface Word Length
00 = 16-bit
01 = 20-bit
10 = 24-bit
11 = 32-bit (not available in Right Justified
mode)
4
ADC_BCP
0
ADC BCLK Polarity
0 = ADCBCLK not inverted - data latched on
rising edge of BCLK
1 = ADCBCLK inverted - data latched on
falling edge of BCLK
5
ADC_LRP
0
ADC LRCLK Polarity
0 = ADCLRCLK not inverted
1 = ADCLRCLK inverted
Table 11 Audio Interface Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com