Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8595 Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
Production Data
WM8595
w
PD, Rev 4.2, January 2011
45
UPDATE FUNCTION
To prevent clock contention issues during setup of the digital audio interface mux, an update system
has been implemented. This allows the registers to be configured as required and the update to be
applied with the last register write synchronise the configuration of the digital audio mux. An update
can be generated using any of the update bits shown in Table 38.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R37
AIF_MUX1
25h
10
PORT1_
UPD
0
Update
0 = Latch corresponding settings into
Register Map but do not update
1 = Latch corresponding settings into
Register Map and update all simultaneously
R38
AIF_MUX2
26h
10
PORT2_
UPD
R42
AIF_MUX3
2Ah
10
DAC1_
UPD
R43
AIF_MUX4
2Bh
10
DAC2_
UPD
R44
AIF_MUX5
2Ch
10
ADC_
UPD
R45
AIF_MUX6
2Dh
10
GPIO1_
UPD
R46
AIF_MUX7
2Eh
10
GPIO2_
UPD
Table 38 Audio Interface Mux Update Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com