Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8595 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
Production Data
WM8595
w
PD, Rev 4.2, January 2011
39
CHANNEL SWAP AND INVERSION
The WM8595 ADC input channels can be inverted and swapped in a number of ways to provide
maximum flexibility of input path to the ADC. The default configuration provides stereo output data
with the left and right channel data in the left and right channels. It is possible to swap the left and
right channels, invert them independently, or select the same data from both channels.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R13
ADC_CTRL1
0Dh
7
ADC_
LRSWAP
0
ADC Left/Right Swap
0 = Normal
1 = Swap left channel data into right channel
and vice-versa
8
ADCR_
INV
0
ADCL and ADCR Output Signal Inversion
0 = Output not inverted
1 = Output inverted
9
ADCL_
INV
0
11:10
ADC_
DATA_
SEL[1:0]
00
ADC Data Output Select
00 = left data from ADCL, right data from
ADCR
01 = left data from ADCL, right data from
ADCL
10 = left data from ADCR, right data from
ADCR
11 = left data from ADCR, right data from
ADCL
Table 30 ADC Channel Swap Control
HIGH PASS FILTER
The WM8595 includes a high pass filter to remove DC offsets. The high pass filter response is
shown on page 77. It is possible to disable the high pass filter by writing to ADC_HPD.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R13
ADC_CTRL1
0Dh
12
ADC_HPD
0
ADC High Pass Filter Disable
0 = High pass filter enabled
1 = High pass filter disabled
Table 31 High Pass Filter Disable Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com