Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8595 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
WM8595
Production Data
w
PD, Rev 4.2, January 2011
16
POWER ON RESET (POR)
Figure 1 Power Supply Timing Requirements
Test Conditions
DVDD = 3.3V, AVDD1 = 3.3V, AVDD2 = 9V DGND = AGND1 = AGND2 = 0V, TA = +25
oC, TA_max = +125oC, TA_min = -25oC
AVDD1max = DVDDmax = 3.63V, AVDD1min = DVDDmim= 2.97V
AVDD2max = 9.9V, AVDD2min = 8.1V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply Input Timing Information
VDD level to POR defined
(DVDD rising)
Vpord
Measured from DGND
0.27
0.36
0.60
V
VDD level to POR rising
edge (DVDD rising)
Vpord_hi
Measured from DGND
1.34
1.88
2.32
V
VDD level to POR falling
edge (DVDD falling)
Vpord_lo
Measured from DGND
1.32
1.86
2.30
V
VDD level to POR rising
edge (AVDD1 rising)
Vpor1_hi
Measured from DGND
1.65
1.68
1.85
V
VDD level to POR falling
edge (AVDD1 falling)
Vpor1_lo
Measured from DGND
1.63
1.65
1.83
V
VDD level to POR rising
edge (AVDD2 rising)
Vpor2_hi
Measured from DGND
1.80
1.86
2.04
V
VDD level to POR falling
edge (AVDD2 falling)
Vpor2_lo
Measured from DGND
1.76
1.8
2.02
V
Table 7 Power on Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com