Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8595 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
Production Data
WM8595
w
PD, Rev 4.2, January 2011
23
RIGHT JUSTIFIED (RJ) MODE
In RJ mode the LSB of input data is sampled on the rising edge of bit clock preceding a left/right
clock transition. The LSB of output data changes on the falling edge of bit clock preceding a left/right
clock transition, and may be sampled on the next rising edge of bit clock. Left/right clock is high
during the left channel audio data samples and low during the right channel audio data samples.
Figure 15 RJ Mode Timing
DSP MODE A
In DSP Mode A, the MSB of channel 1 left data input is sampled on the second rising edge of bit
clock following a left/right clock rising edge. Channel 1 right data then follows. The MSB of output
data changes on the first falling edge of bit clock following a left/right clock transition and may be
sampled on the rising edge of bit clock. The right channel data is contiguous with the left channel
data.
Figure 16 DSP Mode A Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com