Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8595 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
WM8595
Production Data
w
PD, Rev 4.2, January 2011
12
DIGITAL AUDIO INTERFACE TIMING – SLAVE MODE
Figure 3 Slave Mode Digital Audio Data Timing
Test Conditions
AVDD1, DVDD = 3.3V, AVDD2 = 9V, AGND1, AGND2, DGND = 0V, TA = +25˚C, Slave Mode, fs = 48kHz, MCLK = 256fs,
24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
80
ns
BCLK pulse width high
tBCH
30
ns
BCLK pulse width low
tBCL
30
ns
LRCLK set-up time to BCLK rising edge
tLRSU
22
ns
LRCLK hold time from BCLK rising edge
tLRH
25
ns
DACDAT (input) hold time from LRCLK rising edge
tDH
25
ns
DACDAT (input) set-up time to BCLK rising edge
tDS
25
ns
ADCDAT (output) propagation delay from BCLK falling
edge
tDD
4
16
ns
Table 3 Slave Mode Audio Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com