Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8595 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
Production Data
WM8595
w
PD, Rev 4.2, January 2011
49
EMERGENCY POWER DOWN
In the event of sudden power failure in a system, or any other emergency condition, the
SHUTDOWN
¯¯¯¯¯¯¯¯¯¯¯ pin may be used to power the device down from any state in a controlled manner.
This may be useful in a system where there is no guarantee the power supplies will be available long
enough to complete the recommended power down sequence using software writes.
When the SHUTDOWN
¯¯¯¯¯¯¯¯¯¯¯ is pulled low, the device will mute and then power down the outputs quietly.
If the WM8595 is still receiving clocks, the outputs will be softmuted. If the clocks have stopped, the
outputs will be muted immediately. Figure 23 shows the operation of SHUTDOWN
¯¯¯¯¯¯¯¯¯¯¯ and the effect
on the outputs of the device:
Figure 23 SHUTDOWN
¯¯¯¯¯¯¯¯¯¯¯ Operation
It is expected that power is removed from the device before the device is used again, forcing the
device to be reset via the POR. If this is not the case, the device must be manually reset by the
customer (either by a software or hardware reset) once the SHUTDOWN
¯¯¯¯¯¯¯¯¯¯¯ is pulled high again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com