Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8595 Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
Production Data
WM8595
w
PD, Rev 4.2, January 2011
47
POWERDOWN SEQUENCE
1.
Mute all PGAs:
•
MUTE_ALL=1
2.
Set up biases for power down mode:
•
FAST_EN=1
•
VMID_SEL=01
•
BIAS_EN=1
•
BUFIO_EN=1
•
VMIDTOG=0
•
SOFT_ST=1
3.
Switch outputs to use fast bias instead of master bias:
•
POBCTRL=1
4.
Power down all WM8595 functions (ADC, DACs, PGAs etc.). The outputs are muted so the
write order is not important.
5.
Power down VMID to allow the analogue outputs to ramp gently to ground in a pop-free
manner.
•
VMID_SEL=00
6.
Wait until VMID2C has fully discharged. The time taken depends on system capacitance
and should be evaluated by the customer in their application.
•
Insert delay
7.
Clamp outputs to ground.
•
APE_B=0
8.
Power down outputs.
•
VOUTxL_EN=0
•
VOUTxR_EN=0
9.
Disable remaining bias control bits.
•
FAST_EN=0
•
POBCTRL=0
•
BIAS_EN=0
Power supplies can now be safely removed from the WM8595 if desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com