Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8595 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
Production Data
WM8595
w
PD, Rev 4.2, January 2011
7
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital power supply
DVDD
2.97
3.3
3.6
V
Analogue power supply
AVDD1
2.97
3.3
3.6
V
Analogue power supply
AVDD2
8.1
9
9.9
V
Ground
DGND/AGND1/
AGND2
0
V
Operating temperature
range
TA
-40
+85
°C
Notes:
1.
Digital supply (DVDD) must never be more than 0.3V greater than AVDD1 in normal operation.
2.
Digital ground (DGND) and analogue grounds (AGND1, AGND2) must never be more than 0.3V apart.
SUPPLY CURRENT CONSUMPTION
Test Conditions
AVDD2=9V, AVDD1=DVDD=3.3V, AGND1=AGND2=0V, DGND=0V, TA=+25˚C, fs=48kHz, MCLK=256fs unless otherwise stated
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Record (DACs disabled)
Digital supply current
IDVDD
fs=48kHz, 256fs
Quiescent
8.6
mA
Analogue supply 1 current
IAVDD1
9.2
mA
Analogue supply 2 current
IAVDD2
0.01
mA
DAC Playback (ADC disabled, one DAC disabled)
Digital supply current
IDVDD
fs=48kHz, 256fs
Quiescent
5.5
mA
Analogue supply 1 current
IAVDD1
6.5
mA
Analogue supply 2 current
IAVDD2
2.0
mA
Digital supply current
IDVDD
fs=96kHz, 256fs
Quiescent
9.5
mA
Analogue supply 1 current
IAVDD1
7.0
mA
Analogue supply 2 current
IAVDD2
2.0
mA
Digital supply current
IDVDD
fs=192kHz, 256fs
Quiescent
10.0
mA
Analogue supply 1 current
IAVDD1
7.0
mA
Analogue supply 2 current
IAVDD2
2.0
mA
ADC Record, DAC Playback (all circuit blocks enabled)
Digital supply current
IDVDD
fs=48kHz, 256fs
Quiescent
17.0
mA
Analogue supply 1 current
IAVDD1
20.0
mA
Analogue supply 2 current
IAVDD2
11.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com