Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8595 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
Production Data
WM8595
w
PD, Rev 4.2, January 2011
31
DIGITAL MONOMIX CONTROL
Each DAC can be independently set to output a range of mono and stereo options. Each DAC output
channel can output left channel data, right channel data or a mix of left and right channel data.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
DAC1_CTRL1
02h
11:10
DAC1_OP
_MUX[1:0]
00
DAC1 Digital Monomix
00 = Stereo (Normal Operation)
01 = Mono (Left data to DAC1R)
10 = Mono (Right data to DAC1L)
11 = Digital Monomix, (L+R)/2
R7
DAC2_CTRL1
07h
11:10
DAC2_OP
_MUX[1:0]
00
DAC2 Digital Monomix
00 = Stereo (Normal Operation)
01 = Mono (Left data to DAC2R)
10 = Mono (Right data to DAC2L)
11 = Digital Monomix, (L+R)/2
Table 19 Digital Monomix Control
DE-EMPHASIS
A digital de-emphasis filter may be applied to the DAC outputs when the sampling frequency is
44.1kHz. The de-emphasis filter for each DAC can be applied independently. The de-emphasis filter
responses and error can be seen in Figure 60 De-Emphasis Frequency Response (32kHz) and
Figure 61 De-Emphasis Error (32kHz).
Note: De-emphasis is not available when MCLK=192fs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
DAC1_CTRL1
02h
6
DAC1
_DEEMPH
0
DAC1 De-emphasis
0 = No de-emphasis
1 = Apply 44.1kHz de-emphasis
R7
DAC2_CTRL1
07h
6
DAC2
_DEEMPH
0
DAC2 De-emphasis
0 = No de-emphasis
1 = Apply 44.1kHz de-emphasis
Table 20 De-emphasis Control
SIMULATANEOUS DAC1 AND DAC2 CONTROL
If the same settings are required to both DAC1 and DAC2, it is possible to have the register settings
of DAC2 copy the register settings made to DAC1. To use this feature, the user must ensure that
DAC2_COPY_DAC1 is set before writes are made to DAC1. Any writes then made to R2-6 are
automatically made to R7-11.
Example (When DAC2_COPY_DAC1=1):
REGISTER WRITE
ACTUAL REGISTER SETTING
R2 = 0x0001
R2 = 0x0001 & R7 = 0x0001
R3 = 0x0023
R3 = 0x0023 & R8 = 0x0023
R4 = 0x0045
R4 = 0x0045 & R9 = 0x0045
R5 = 0x0067
R5 = 0x0067 & R10 = 0x0067
R6 = 0x0089
R6 = 0x0089 & R11 = 0x0089
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12
ENABLE
0Bh
1
DAC2_
COPY_
DAC1
0
DAC2 Configuration Control
0 = DAC2 settings independent of DAC1
1 = DAC2 settings are the same as DAC1
Table 21 DAC2 Configuration Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com