Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8595 Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
WM8595
Production Data
w
PD, Rev 4.2, January 2011
44
USING GPIO PINS AS ADDITIONAL DATA PINS
There are two GPIO pins, GPIO1 and GPIO2, which can be used as additional pins to connect to
external devices. GPIO1 is controlled by GPIO1_SEL[2:0] and GPIO2 by GPIO2_SEL[2:0].
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R45
AIF_MUX9
2Dh
3:1
GPIO1_
SEL[2:0]
101
GPIO1 Pin Function Select
000 = Source DACDAT1
001 = Source DACDAT2
010 = Source ADCDAT
011 to 100 = Reserved
101 = Input to WM8595
110 = Source GPIO2
111 = Source ADC Data Output
Table 36 GPIO1 Audio Interface Mux Configuration
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R46
AIF_MUX10
2Eh
3:1
GPIO2_
SEL[2:0]
000
GPIO2 Pin Function Select
000 = Source DACDAT1
001 = Source DACDAT2
010 = Source ADCDAT
011 to 100 = Reserved
101 = Source GPIO1
110 = Input to WM8595
111 = Source ADC Data Output
Table 37 GPIO2 Audio Interface Mux Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com