Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8595 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8595
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
Production Data
WM8595
w
PD, Rev 4.2, January 2011
33
VOLUME RAMP
Analogue volume can be adjusted by step change or by soft ramp. The ramp rate is dependent upon
the sampling rate. The sampling rate upon which the volume ramp rate is based can be selected
between the DAC sampling rate or the ADC sampling rate in either slave mode or master mode. The
ramp rates for common audio sample rates are shown in Table 23:
SAMPLE RATE FOR PGA (kHz)
DIVIDE BY
PGA RAMP RATE
(ms/dB)
32
8
0.50
44.1
8
0.36
48
8
0.33
88.2
16
0.36
96
16
0.33
176.4
32
0.36
192
32
0.33
Table 23 Analogue Volume Ramp Rate
For example, when using a sample rate of 48kHz, the time taken for a volume change from and initial
setting of 0dB to -20dB is calculated as follows:
Volume Change (dB) x PGA Ramp Rate (ms/dB) = 20 x 0.33 = 6.6ms
When changing from one PGA ramp clock source to another, it is recommended that
PGA_SAFE_SW is set to 0. This forces the clock switch over to occur at a point where all relevant
clock signals are zero, ensuring glitch-free operation. This process can take up to 32 left/right clock
cycles.
If a faster change in PGA ramp rate clock source is required, PGA_FORCE can be set to 1. This
forces the change in clock source to occur immediately regardless of the state of the relevant clock
signals internally. Glitch-free operation is not guaranteed under these conditions. PGA_FORCE
must be set back to 0 to initialise the timing circuits with the new clock.
If the volume ramp function is not required when increasing or decreasing volume, this block can be
bypassed by setting ATTACK_BYPASS or DECAY_BYPASS to 1. Figure 19 shows the effect of
these register settings:
Figure 19 ATTACK_BYPASS and DECAY_BYPASS Functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com