Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5407 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 30Page - Texas Instruments TMS320VC5407 Datasheet HTML 31Page - Texas Instruments TMS320VC5407 Datasheet HTML 32Page - Texas Instruments TMS320VC5407 Datasheet HTML 33Page - Texas Instruments TMS320VC5407 Datasheet HTML 34Page - Texas Instruments TMS320VC5407 Datasheet HTML 35Page - Texas Instruments TMS320VC5407 Datasheet HTML 36Page - Texas Instruments TMS320VC5407 Datasheet HTML 37Page - Texas Instruments TMS320VC5407 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 110 page
background image
Functional Overview
34
November 2001 − Revised April 2004
SPRS007D
When the HPI16 pin is connected to a logic “0”, the 5407/5404 HPI is configured as an HPI8. The HPI8 is an
8-bit parallel port for interprocessor communication. The features of the HPI8 include:
Standard features:
•
Sequential transfers (with autoincrement) or random-access transfers
•
Host interrupt and C54x interrupt capability
•
Multiple data strobes and control pins for interface flexibility
The HPI8 interface consists of an 8-bit bidirectional data bus and various control signals. Sixteen-bit transfers
are accomplished in two parts with the HBIL input designating high or low byte. The host communicates with
the HPI8 through three dedicated registers — the HPI address register (HPIA), the HPI data register (HPID),
and the HPI control register (HPIC). The HPIA and HPID registers are only accessible by the host, and the
HPIC register is accessible by both the host and the 5407/5404.
Enhanced features:
•
Access to entire on-chip RAM through DMA bus
•
Capability to continue transferring during emulation stop
The HPI16 is an enhanced 16-bit version of the TMS320C54x DSP 8-bit host-port interface (HPI8). The
HPI16 is designed to allow a 16-bit host to access the DSP on-chip memory, with the host acting as the master
of the interface. Some of the features of the HPI16 include:
•
16-bit bidirectional data bus
•
Multiple data strobes and control signals to allow glueless interfacing to a variety of hosts
•
Only nonmultiplexed address/data modes are supported
•
18-bit address bus used in nonmultiplexed mode to allow access to all internal memory (including internal
extended address pages)
•
HRDY signal to hold off host accesses due to DMA latency
•
The HPI16 acts as a slave to a 16-bit host processor and allows access to the on-chip memory of the DSP.
NOTE: Only the nonmultiplexed mode is supported when the 5407/5404 HPI is configured as
a HPI16 (see Figure 3−10).
The 5407/5404 HPI functions as a slave and enables the host processor to access the on-chip memory. A
major enhancement to the 5407/5404 HPI over previous versions is that it allows host access to the entire
on-chip memory range of the DSP. The host and the DSP both have access to the on-chip RAM at all times
and host accesses are always synchronized to the DSP clock. If the host and the DSP contend for access to
the same location, the host has priority, and the DSP waits for one cycle. Note that since host accesses are
always synchronized to the 5407/5404 clock, an active input clock (CLKIN) is required for HPI accesses during
IDLE states, and host accesses are not allowed while the 5407/5404 reset pin is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com