Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5407 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 48Page - Texas Instruments TMS320VC5407 Datasheet HTML 49Page - Texas Instruments TMS320VC5407 Datasheet HTML 50Page - Texas Instruments TMS320VC5407 Datasheet HTML 51Page - Texas Instruments TMS320VC5407 Datasheet HTML 52Page - Texas Instruments TMS320VC5407 Datasheet HTML 53Page - Texas Instruments TMS320VC5407 Datasheet HTML 54Page - Texas Instruments TMS320VC5407 Datasheet HTML 55Page - Texas Instruments TMS320VC5407 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 110 page
background image
Functional Overview
52
November 2001 − Revised April 2004
SPRS007D
3.13.1
UART Accessible Registers
The system programmer has access to and control over any of the UART registers that are summarized in
Table 3−14. These registers control UART operations, receive data, and transmit data. Descriptions of these
registers follow Table 3−15. See Table 3−24 for more information on peripheral memory mapped registers.
Table 3−15. Summary of Accessible Registers
UART SUBBANK ADDRESS
0
(DLAB = 0)
0
(DLAB = 0)
0 (DLAB = 1)
or 8
1
(DLAB = 0)
1 (DLAB = 1)
or 9
2
2
3
4
5
6
7
BIT
NO.
Receiver
Buffer
Register
(Read
Only)
Transmitter
Holding
Register
(Write
Only)
Divisor
Latch
(LSB)
Interrupt
Enable
Register
Divisor
Latch
(MSB)
Interrupt
Ident.
Register
(Read
Only)
FIFO
Control
Register
(Write
Only)
Line
Control
Register
Modem
Control
Register
Line
Status
Register
Re-
served
Register
Scratch
Register
RBR
THR
DLL
IER
DLM
IIR
FCR
LCR
MCR
LSR
RSV
SCR
0
Data Bit 0†
Data Bit 0
Bit 0
Enable
Received
Data
Available
Interrupt
(ERBI)
Bit 8
0 if
Interrupt
Pending
FIFO
Enable
Word
Length
Select
Bit 0
(WLS0)
X
Data
Ready
(DR)
X
Bit 0
1
Data Bit 1
Data Bit 1
Bit 1
Enable
Transmitter
Holding
Register
Empty
Interrupt
(ETBEI)
Bit 9
Interrupt
ID
Bit 1
Receiver
FIFO
Reset
Word
Length
Select
Bit 1
(WLS1)
X
Overrun
Error
(OE)
X
Bit 1
2
Data Bit 2
Data Bit 2
Bit 2
Enable
Receiver
Line Status
Interrupt
(ELSI)
Bit 10
Interrupt
ID
Bit 2
Transmitter
FIFO
Reset
Number
of
Stop Bits
(STB)
X
Parity
Error
(PE)
X
Bit 2
3
Data Bit 3
Data Bit 3
Bit 3
0‡
Bit 11
Interrupt
ID
Bit 3§
0‡
Parity
Enable
(PEN)
X
Framing
Error
(FE)
X
Bit 3
4
Data Bit 4
Data Bit 4
Bit 4
0
Bit 12
0
Reserved
Even
Parity
Select
(EPS)
Loop
Break
Interrupt
(BI)
X
Bit 4
5
Data Bit 5
Data Bit 5
Bit 5
0
Bit 13
0
Reserved
Stick
Parity
0‡
Transmitter
Holding
Register
(THRE)
X
Bit 5
6
Data Bit 6
Data Bit 6
Bit 6
0
Bit 14
FIFOs
Enabled§
Receiver
Trigger
(LSB)
Break
Control
0
Transmitter
Empty
(TEMT)
X
Bit 6
7
Data Bit 7
Data Bit 7
Bit 7
0
Bit 15
FIFOs
Enabled§
Receiver
Trigger
(MSB)
Divisor
Latch
Access
Bit
(DLAB)
0
Error in
RCVR
FIFO§
X
Bit 7
8 − 15
0
0
0
0
0
0
0
0
0
0
0
0
† Bit 0 is the least significant bit. It is the first bit serially transmitted or received.
‡ Must always be written as zero.
§ These bits are always 0 in the TL16C450 mode.
NOTE: X = Don’t care for write, indeterminate on read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com