Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5407 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 68Page - Texas Instruments TMS320VC5407 Datasheet HTML 69Page - Texas Instruments TMS320VC5407 Datasheet HTML 70Page - Texas Instruments TMS320VC5407 Datasheet HTML 71Page - Texas Instruments TMS320VC5407 Datasheet HTML 72Page - Texas Instruments TMS320VC5407 Datasheet HTML 73Page - Texas Instruments TMS320VC5407 Datasheet HTML 74Page - Texas Instruments TMS320VC5407 Datasheet HTML 75Page - Texas Instruments TMS320VC5407 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 110 page
background image
Electrical Specifications
72
November 2001 − Revised April 2004
SPRS007D
5.4
Package Thermal Resistance Characteristics
Table 5−1 provides the estimated thermal resistance characteristics for the recommended package types
used on the TMS320VC5407/TMS320VC5404 DSP.
Table 5−1. Thermal Resistance Characteristics
PARAMETER
GGU
PACKAGE
PGE
PACKAGE
UNIT
RΘJA
38
56
°C/W
RΘJC
5
5
°C/W
5.5
Timing Parameter Symbology
Timing parameter symbols used in the timing requirements and switching characteristics tables are created
in accordance with JEDEC Standard 100. To shorten the symbols, some of the pin names and other related
terminology have been abbreviated as follows:
Lowercase subscripts and their meanings:
Letters and symbols and their meanings:
a
access time
H
High
c
cycle time (period)
L
Low
d
delay time
V
Valid
dis
disable time
Z
High impedance
en
enable time
f
fall time
h
hold time
r
rise time
su
setup time
t
transition time
v
valid time
w
pulse duration (width)
X
Unknown, changing, or don’t care level
5.6
Internal Oscillator With External Crystal
The internal oscillator is enabled by selecting the appropriate clock mode at reset (this is device-dependent;
see Section 3.10) and connecting a crystal or ceramic resonator across X1 and X2/CLKIN. The CPU clock
frequency is one-half, one-fourth, or a multiple of the oscillator frequency. The multiply ratio is determined by
the bit settings in the CLKMD register.
The crystal should be in fundamental-mode operation, and parallel resonant, with an effective series
resistance of 30 Ω maximum and power dissipation of 1 mW. The connection of the required circuit, consisting
of the crystal and two load capacitors, is shown in Figure 5−2. The load capacitors, C1 and C2, should be
chosen such that the equation below is satisfied. CL (recommended value of 10 pF) in the equation is the load
specified for the crystal.
C
L +
C1C2
(C1 ) C2)
Table 5−2. Input Clock Frequency Characteristics
MIN
MAX
UNIT
fx
Input clock frequency
10†
20‡
MHz
† This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz
‡ It is recommended that the PLL multiply by N clocking option be used for maximum frequency operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com