Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5407 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 20Page - Texas Instruments TMS320VC5407 Datasheet HTML 21Page - Texas Instruments TMS320VC5407 Datasheet HTML 22Page - Texas Instruments TMS320VC5407 Datasheet HTML 23Page - Texas Instruments TMS320VC5407 Datasheet HTML 24Page - Texas Instruments TMS320VC5407 Datasheet HTML 25Page - Texas Instruments TMS320VC5407 Datasheet HTML 26Page - Texas Instruments TMS320VC5407 Datasheet HTML 27Page - Texas Instruments TMS320VC5407 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 110 page
background image
Functional Overview
24
November 2001 − Revised April 2004
SPRS007D
3.1.2 Program Memory
Software can configure their memory cells to reside inside or outside of the program address map. When the
cells are mapped into program space, the device automatically accesses them when their addresses are
within bounds. When the program-address generation (PAGEN) logic generates an address outside its
bounds, the device automatically generates an external access. The advantages of operating from on-chip
memory are as follows:
•
Higher performance because no wait states are required
•
Lower cost than external memory
•
Lower power than external memory
The advantage of operating from off-chip memory is the ability to access a larger address space.
3.1.3 Extended Program Memory
The 5407/5404 uses a paged extended memory scheme in program space to allow access of up to 8192K
of program memory. In order to implement this scheme, the 5407/5404 includes several features which are
also present on C548/549/5410:
•
Twenty-three address lines, instead of sixteen
•
An extra memory-mapped register, the XPC
•
Six extra instructions for addressing extended program space
Program memory in the 5407/5404 is organized into 128 pages that are each 64K in length.
The value of the XPC register defines the page selection. This register is memory-mapped into data space
to address 001Eh. At a hardware reset, the XPC is initialized to 0.
3.2
On-Chip ROM With Bootloader
The 5407 features a 128K-word × 16-bit on-chip maskable ROM that is mapped into program memory space,
but 16K words of which can also optionally be mapped into data memory. The 5404 features a 64K-word ×
16-bit on-chip maskable ROM that is mapped into program memory space.
Customers can also arrange to have the ROM of the 5407/5404 programmed with contents unique to any
particular application.
A bootloader is available in the standard 5407/5404 on-chip ROM. This bootloader can be used to
automatically transfer user code from an external source to anywhere in the program memory at power up.
If MP/MC of the device is sampled low during a hardware reset, execution begins at location FF80h of the
on-chip ROM. This location contains a branch instruction to the start of the bootloader program.
The standard 5407/5404 devices provide different ways to download the code to accommodate various
system requirements:
•
Parallel from 8-bit or 16-bit-wide EPROM
•
Parallel from I/O space, 8-bit or 16-bit mode
•
Serial boot from serial ports, 8-bit or 16-bit mode
•
UART boot mode
•
Host-port interface boot
•
Warm boot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com