Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5407 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 25Page - Texas Instruments TMS320VC5407 Datasheet HTML 26Page - Texas Instruments TMS320VC5407 Datasheet HTML 27Page - Texas Instruments TMS320VC5407 Datasheet HTML 28Page - Texas Instruments TMS320VC5407 Datasheet HTML 29Page - Texas Instruments TMS320VC5407 Datasheet HTML 30Page - Texas Instruments TMS320VC5407 Datasheet HTML 31Page - Texas Instruments TMS320VC5407 Datasheet HTML 32Page - Texas Instruments TMS320VC5407 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 110 page
background image
Functional Overview
29
November 2001 − Revised April 2004
SPRS007D
15
IPTR
R/W-1FF
7
65
43
21
0
IPTR
MP/MC
OVLY
AVIS
DROM
CLKOFF
SMUL
SST
MP/MC Pin
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−6. Processor Mode Status (PMST) Register
Table 3−2. Processor Mode Status (PMST) Register Bit Fields
BIT
RESET
FUNCTION
NO.
NAME
RESET
VALUE
FUNCTION
15−7
IPTR
1FFh
Interrupt vector pointer. The 9-bit IPTR field points to the 128-word program page where the interrupt
vectors reside. The interrupt vectors can be remapped to RAM for boot-loaded operations. At reset, these
bits are all set to 1; the reset vector always resides at address FF80h in program memory space. The
RESET instruction does not affect this field.
6
MP/MC
MP/MC
pin
Microprocessor/microcomputer mode. MP/MC enables/disables the on-chip ROM to be addressable in
program memory space.
- MP/MC = 0: The on-chip ROM is enabled and addressable.
- MP/MC = 1: The on-chip ROM is not available.
MP/MC is set to the value corresponding to the logic level on the MP/MC pin when sampled at reset. This
pin is not sampled again until the next reset. The RESET instruction does not affect this bit. This bit can
also be set or cleared by software.
5
OVLY
0
RAM overlay. OVLY enables on-chip dual-access data RAM blocks to be mapped into program space.
The values for the OVLY bit are:
- OVLY = 0: The on-chip RAM is addressable in data space but not in program space.
- OVLY = 1: The on-chip RAM is mapped into program space and data space. Data page 0 (addresses
0h to 7Fh), however, is not mapped into program space.
4
AVIS
0
Address visibility mode. AVIS enables/disables the internal program address to be visible at the
address pins.
- AVIS = 0: The external address lines do not change with the internal program address. Control and
data lines are not affected and the address bus is driven with the last address on the bus.
- AVIS = 1: This mode allows the internal program address to appear at the pins of the 5407/5404 so
that the internal program address can be traced. Also, it allows the interrupt vector to be decoded
in conjunction with IACK when the interrupt vectors reside on on-chip memory.
3
DROM
0
Data ROM. DROM enables on-chip ROM to be mapped into data space. The DROM bit values are:
- DROM = 0: The on-chip ROM is not mapped into data space.
- DROM = 1: A portion of the on-chip ROM is not mapped into data space.
The SWSM bit of the SWCR defines a multiplication factor of 1 or 2 for the base number of wait states.
2
CLKOFF
0
CLOCKOUT off. When the CLKOFF bit is 1, the output of CLKOUT is disabled and remains at a high
level.
1
SMUL
N/A
Saturation on multiplication. When SMUL = 1, saturation of a multiplication result occurs before
performing the accumulation in a MAC of MAS instruction. The SMUL bit applies only when OVM = 1
and FRCT = 1.
0
SST
N/A
Saturation on store. When SST = 1, saturation of the data from the accumulator is enabled before
storing in memory. The saturation is performed after the shift operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com