Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5407 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 24Page - Texas Instruments TMS320VC5407 Datasheet HTML 25Page - Texas Instruments TMS320VC5407 Datasheet HTML 26Page - Texas Instruments TMS320VC5407 Datasheet HTML 27Page - Texas Instruments TMS320VC5407 Datasheet HTML 28Page - Texas Instruments TMS320VC5407 Datasheet HTML 29Page - Texas Instruments TMS320VC5407 Datasheet HTML 30Page - Texas Instruments TMS320VC5407 Datasheet HTML 31Page - Texas Instruments TMS320VC5407 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 110 page
background image
Functional Overview
28
November 2001 − Revised April 2004
SPRS007D
Hex
010000
Program
Page 1
XPC=1
On-Chip
ROM
Hex
Program
020000
Page 2
XPC=2
Hex
Program
030000
Hex
Program
External
040000
Hex
Program
7F0000
Page 3
XPC=3
Page 4
XPC=4
Page 127
XPC=7Fh
External
7F3FFF
7F4000
043FFF
033FFF
023FFF
013FFF
014000
024000
034000
044000
......
External
Reserved
(OVLY = 1)
External
(OVLY = 0)
Reserved
(OVLY = 1)
External
(OVLY = 0)
Reserved
(OVLY = 1)
External
(OVLY = 0)
Reserved
(OVLY = 1)
External
(OVLY = 0)
Reserved
(OVLY = 1)
External
(OVLY = 0)
017FFF
018000
027FFF
028000
037FFF
038000
047FFF
048000
7F7FFF
7F8000
01FFFF
02FFFF
03FFFF
04FFFF
7FFFFF
External†
External†
External†
External†
External†
03DFFF
03E000
Reserved
Reserved
† The lower 16K words of pages 1 through 127 are only available when the OVLY bit is cleared to 0. If the OVLY bit is set to 1, the on-chip memory
is mapped to the lower 16K words of all program space pages.
Figure 3−5. 5404 Extended Program Memory Map
3.5.3 Relocatable Interrupt Vector Table
The reset, interrupt, and trap vectors are addressed in program space. These vectors are soft — meaning that
the processor, when taking the trap, loads the program counter (PC) with the trap address and executes the
code at the vector location. Four words, either two 1-word instructions or one 2-word instruction, are reserved
at each vector location to accommodate a delayed branch instruction which allows branching to the
appropriate interrupt service routine without the overhead.
At device reset, the reset, interrupt, and trap vectors are mapped to address FF80h in program space.
However, these vectors can be remapped to the beginning of any 128-word page in program space after
device reset. This is done by loading the interrupt vector pointer (IPTR) bits in the PMST register with the
appropriate 128-word page boundary address. After loading IPTR, any user interrupt or trap vector is mapped
to the new 128-word page.
NOTE: The hardware reset (RS) vector cannot be remapped because the hardware reset loads the IPTR
with 1s. Therefore, the reset vector is always fetched at location FF80h in program space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com