Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5407 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 70Page - Texas Instruments TMS320VC5407 Datasheet HTML 71Page - Texas Instruments TMS320VC5407 Datasheet HTML 72Page - Texas Instruments TMS320VC5407 Datasheet HTML 73Page - Texas Instruments TMS320VC5407 Datasheet HTML 74Page - Texas Instruments TMS320VC5407 Datasheet HTML 75Page - Texas Instruments TMS320VC5407 Datasheet HTML 76Page - Texas Instruments TMS320VC5407 Datasheet HTML 77Page - Texas Instruments TMS320VC5407 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 110 page
background image
Electrical Specifications
74
November 2001 − Revised April 2004
SPRS007D
Table 5−4 and Table 5−5 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 5−3).
Table 5−4. Divide-By-2 and Divide-by-4 Clock Options Timing Requirements
MIN
MAX
UNIT
tc(CI)
Cycle time, X2/CLKIN
20
ns
tf(CI)
Fall time, X2/CLKIN
4
ns
tr(CI)
Rise time, X2/CLKIN
4
ns
tw(CIL)
Pulse duration, X2/CLKIN low
4
ns
tw(CIH)
Pulse duration, X2/CLKIN high
4
ns
Table 5−5. Divide-By-2 and Divide-by-4 Clock Options Switching Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
tc(CO)
Cycle time, CLKOUT
8.33†
‡
ns
td(CIH-CO)
Delay time, X2/CLKIN high to CLKOUT high/low
4
7
11
ns
tf(CO)
Fall time, CLKOUT
1
ns
tr(CO)
Rise time, CLKOUT
1
ns
tw(COL)
Pulse duration, CLKOUT low
H − 3
H
H + 3
ns
tw(COH)
Pulse duration, CLKOUT high
H − 3
H
H + 3
ns
† It is recommended that the PLL clocking option be used for maximum frequency operation.
‡ This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz.
tr(CO)
tf(CO)
CLKOUT
X2/CLKIN
tw(COL)
td(CIH-CO)
tf(CI)
tr(CI)
tc(CO)
tc(CI)
tw(COH)
tw(CIH)
tw(CIL)
NOTE A: The CLKOUT timing in this diagram assumes the CLKOUT divide factor (DIVFCT field in the BSCR) is configured as 00 (CLKOUT not
divided). DIVFCT is configured as CLKOUT divided-by-4 mode following reset.
Figure 5−3. External Divide-by-Two Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com