Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5407 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 28Page - Texas Instruments TMS320VC5407 Datasheet HTML 29Page - Texas Instruments TMS320VC5407 Datasheet HTML 30Page - Texas Instruments TMS320VC5407 Datasheet HTML 31Page - Texas Instruments TMS320VC5407 Datasheet HTML 32Page - Texas Instruments TMS320VC5407 Datasheet HTML 33Page - Texas Instruments TMS320VC5407 Datasheet HTML 34Page - Texas Instruments TMS320VC5407 Datasheet HTML 35Page - Texas Instruments TMS320VC5407 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 110 page
background image
Functional Overview
32
November 2001 − Revised April 2004
SPRS007D
3.6.2 Programmable Bank-Switching
Programmable bank-switching logic allows the 5407/5404 to switch between external memory banks without
requiring external wait states for memories that need additional time to turn off. The bank-switching logic
automatically inserts one cycle when accesses cross a 32K-word memory-bank boundary inside program or
data space.
Bank-switching is defined by the bank-switching control register (BSCR), which is memory-mapped at
address 0029h. The bit fields of the BSCR are shown in Figure 3−9 and are described in Table 3−5.
15
14
13
12
11
CONSEC
DIVFCT
IACKOFF
Reserved
R/W-1
R/W-11
R/W-1
R
32
1
0
Reserved
HBH
BH
Reserved
R
R/W-0
R
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−9. Bank-Switching Control Register (BSCR) [MMR Address 0029h]
Table 3−5. Bank-Switching Control Register (BSCR) Fields
BIT
NAME
RESET
VALUE
FUNCTION
Consecutive bank-switching. Specifies the bank-switching mode.
15
CONSEC†
1
CONSEC = 0:
Bank-switching on 32K bank boundaries only. This bit is cleared if fast access is desired for
continuous memory reads (i.e., no starting and trailing cycles between read cycles).
15
CONSEC
1
CONSEC = 1:
Consecutive bank switches on external memory reads. Each read cycle consists of 3 cycles:
CONSEC 1:
Consecutive bank switches on external memory reads. Each read cycle consists of 3 cycles:
starting cycle, read cycle, and trailing cycle.
CLKOUT output divide factor. The CLKOUT output is driven by an on-chip source having a frequency
equal to 1/(DIVFCT+1) of the DSP clock.
13 14
DIVFCT
11
DIVFCT = 00:
CLKOUT is not divided.
13−14
DIVFCT
11
DIVFCT = 01:
CLKOUT is divided by 2 from the DSP clock.
DIVFCT = 10:
CLKOUT is divided by 3 from the DSP clock.
DIVFCT = 11:
CLKOUT is divided by 4 from the DSP clock (default value following reset).
IACK signal output off. Controls the output of the IACK signal. IACKOFF is set to 1 at reset.
12
IACKOFF
1
IACKOFF = 0: The IACK signal output off function is disabled.
12
IACKOFF
1
IACKOFF = 1: The IACK signal output off function is enabled.
11−3
Reserved
−
Reserved
HPI bus holder. Controls the HPI bus holder. HBH is cleared to 0 at reset
.
2
HBH
0
HBH = 0:
The bus holder is disabled except when HPI16=1.
2
HBH
0
HBH = 1:
The bus holder is enabled. When not driven, the HPI data bus, HD[7:0] is held in the previous
logic level.
Bus holder. Controls the bus holder. BH is cleared to 0 at reset.
1
BH
0
BH = 0:
The bus holder is disabled.
1
BH
0
BH = 1:
The bus holder is enabled. When not driven, the data bus, D[15:0] is held in the previous logic
level.
0
Reserved
−
Reserved
† For additional information, see Section 3.11 of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com