Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5407 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 9Page - Texas Instruments TMS320VC5407 Datasheet HTML 10Page - Texas Instruments TMS320VC5407 Datasheet HTML 11Page - Texas Instruments TMS320VC5407 Datasheet HTML 12Page - Texas Instruments TMS320VC5407 Datasheet HTML 13Page - Texas Instruments TMS320VC5407 Datasheet HTML 14Page - Texas Instruments TMS320VC5407 Datasheet HTML 15Page - Texas Instruments TMS320VC5407 Datasheet HTML 16Page - Texas Instruments TMS320VC5407 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
Features
13
November 2001 − Revised April 2004
SPRS007D
1
TMS320VC5407/TMS320VC5404 Features
D Advanced Multibus Architecture With Three
Separate 16-Bit Data Memory Buses and
One Program Memory Bus
D 40-Bit Arithmetic Logic Unit (ALU)
Including a 40-Bit Barrel Shifter and Two
Independent 40-Bit Accumulators
D 17- × 17-Bit Parallel Multiplier Coupled to a
40-Bit Dedicated Adder for Non-Pipelined
Single-Cycle Multiply/Accumulate (MAC)
Operation
D Compare, Select, and Store Unit (CSSU) for
the Add/Compare Selection of the Viterbi
Operator
D Exponent Encoder to Compute an
Exponent Value of a 40-Bit Accumulator
Value in a Single Cycle
D Two Address Generators With Eight
Auxiliary Registers and Two Auxiliary
Register Arithmetic Units (ARAUs)
D Data Bus With a Bus Holder Feature
D Extended Addressing Mode for 8M × 16-Bit
Maximum Addressable External Program
Space
D On-Chip ROM
− 128K × 16-Bit (5407) Configured for
Program Memory
− 64K × 16-Bit (5404) Configured for
Program Memory
D On-Chip RAM
− 40K x 16-Bit (5407) Composed of
Five Blocks of 8K × 16-Bit On-Chip
Dual-Access Program/Data RAM
− 16K x 16-Bit (5404) Composed of
Two Blocks of 8K × 16-Bit On-Chip
Dual-Access Program/Data RAM
D Enhanced External Parallel Interface (XIO2)
D Single-Instruction-Repeat and
Block-Repeat Operations for Program Code
D Block-Memory-Move Instructions for Better
Program and Data Management
D Instructions With a 32-Bit Long Word
Operand
D Instructions With Two- or Three-Operand
Reads
D Arithmetic Instructions With Parallel Store
and Parallel Load
D Conditional Store Instructions
D Fast Return From Interrupt
D On-Chip Peripherals
− Software-Programmable Wait-State
Generator and Programmable
Bank-Switching
− On-Chip Programmable Phase-Locked
Loop (PLL) Clock Generator With
External Clock Source
− Two 16-Bit Timers
− Six-Channel Direct Memory Access
(DMA) Controller
− Three Multichannel Buffered Serial Ports
(McBSPs)
− 8/16-Bit Enhanced Parallel Host-Port
Interface (HPI8/16)
− Universal Asynchronous Receiver/
Transmitter (UART) With Integrated Baud
Rate Generator
D Power Consumption Control With IDLE1,
IDLE2, and IDLE3 Instructions With
Power-Down Modes
D CLKOUT Off Control to Disable CLKOUT
D On-Chip Scan-Based Emulation Logic,
IEEE Std 1149.1† (JTAG) Boundary Scan
Logic
D 144-Pin Ball Grid Array (BGA)
(GGU Suffix)
D 144-Pin Low-Profile Quad Flatpack (LQFP)
(PGE Suffix)
D 8.33-ns Single-Cycle Fixed-Point
Instruction Execution Time (120 MIPS)
D 3.3-V I/O Supply Voltage
D 1.5-V Core Supply Voltage
† IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.
All trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com