Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5407 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 21Page - Texas Instruments TMS320VC5407 Datasheet HTML 22Page - Texas Instruments TMS320VC5407 Datasheet HTML 23Page - Texas Instruments TMS320VC5407 Datasheet HTML 24Page - Texas Instruments TMS320VC5407 Datasheet HTML 25Page - Texas Instruments TMS320VC5407 Datasheet HTML 26Page - Texas Instruments TMS320VC5407 Datasheet HTML 27Page - Texas Instruments TMS320VC5407 Datasheet HTML 28Page - Texas Instruments TMS320VC5407 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 110 page
background image
Functional Overview
25
November 2001 − Revised April 2004
SPRS007D
The standard on-chip ROM layout is shown in Table 3−1.
Table 3−1. Standard On-Chip ROM Layout†
ADDRESS RANGE
DESCRIPTION
C000h−D4FFh
ROM tables for the GSM EFR speech codec
D500h−F7FFh
Reserved
F800h−FBFFh
Bootloader
FC00h−FCFFh
µ-Law expansion table
FD00h−FDFFh
A-Law expansion table
FE00h−FEFFh
Sine look-up table
FF00h−FF7Fh
Reserved†
FF80h−FFFFh
Interrupt vector table
† In the 5407/5404 ROM, 128 words are reserved for factory device-testing purposes. Application
code to be implemented in on-chip ROM must reserve these 128 words at addresses
FF00h−FF7Fh in program space.
3.3
On-Chip RAM
The 5407 device contains 40K-words × 16-bit of on-chip dual-access RAM (DARAM), while the 5404 device
contains 16K-words x 16-bit of DARAM.
The DARAM is composed of five blocks of 8K words each. Each block in the DARAM can support two reads
in one cycle, or a read and a write in one cycle. The five blocks of DARAM on the 5407 are located in the
address range 0080h−9FFFh in data space, and can be mapped into program/data space by setting the OVLY
bit to one.
On the 5404, the two blocks of DARAM are located at 0080h−3FFFh in data space and can also be mapped
into data space by setting OVLY to one.
3.4
On-Chip Memory Security
The 5407/5404 device provides maskable options to protect the contents of on-chip memories. When the
ROM protect option is selected, no externally originating instruction can access the on-chip ROM; when the
RAM protect option is selected, HPI RAM is protected; HPI writes are not restricted, but HPI reads are
restricted to 2000h − 3FFFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com