Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5407 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 18Page - Texas Instruments TMS320VC5407 Datasheet HTML 19Page - Texas Instruments TMS320VC5407 Datasheet HTML 20Page - Texas Instruments TMS320VC5407 Datasheet HTML 21Page - Texas Instruments TMS320VC5407 Datasheet HTML 22Page - Texas Instruments TMS320VC5407 Datasheet HTML 23Page - Texas Instruments TMS320VC5407 Datasheet HTML 24Page - Texas Instruments TMS320VC5407 Datasheet HTML 25Page - Texas Instruments TMS320VC5407 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
Introduction
22
November 2001 − Revised April 2004
SPRS007D
Table 2−2. Signal Descriptions (Continued)
TERMINAL
NAME
DESCRIPTION
I/O†
SUPPLY PINS
CVDD
S
+VDD. Dedicated 1.5V power supply for the core CPU.
DVDD
S
+VDD. Dedicated 3.3V power supply for I/O pins.
VSS
S
Ground.
TCK
I
IEEE standard 1149.1 test clock. TCK is normally a free-running clock signal with a 50% duty cycle. The
changes on test access port (TAP) of input signals TMS and TDI are clocked into the TAP controller, instruction
register, or selected test data register on the rising edge of TCK. Changes at the TAP output signal (TDO) occur
on the falling edge of TCK.
TDI
I
IEEE standard 1149.1 test data input, pin with internal pullup device. TDI is clocked into the selected register
(instruction or data) on a rising edge of TCK.
TDO
O/Z
IEEE standard 1149.1 test data output. The contents of the selected register (instruction or data) are shifted
out of TDO on the falling edge of TCK. TDO is in the high-impedance state except when scanning of data is
in progress. TDO also goes into the high-impedance state when OFF is low.
TMS
I
IEEE standard 1149.1 test mode select. Pin with internal pullup device. This serial control input is clocked into
the test access port (TAP) controller on the rising edge of TCK.
TRST
I
IEEE standard 1149.1 test reset. TRST, when high, gives the IEEE standard 1149.1 scan system control of
the operations of the device. If TRST is not connected or driven low, the device operates in its functional
mode, and the IEEE standard 1149.1 signals are ignored. Pin with internal pulldown device.
EMU0
I/O/Z
Emulator 0 pin. When TRST is driven low, EMU0 must be high for activation of the OFF condition. When TRST
is driven high, EMU0 is used as an interrupt to or from the emulator system and is defined as input/output by
way of IEEE standard 1149.1 scan system. Should be pulled up to DVDD with a separate 4.7-kΩ resistor.
EMU1/OFF
I/O/Z
Emulator 1 pin/disable all outputs. When TRST is driven high, EMU1/OFF is used as an interrupt to or from
the emulator system and is defined as input/output via IEEE standard 1149.1 scan system. When TRST is
driven low, EMU1/OFF is configured as OFF. The EMU1/OFF signal, when active low, puts all output drivers
into the high-impedance state. Note that OFF is used exclusively for testing and emulation purposes (not for
multiprocessing applications). Thus, for the OFF feature, the following conditions apply: TRST=low,
EMU0=high, EMU1/OFF = low. Should be pulled up to DVDD with a separate 4.7-kΩ resistor.
† I = Input, O = Output, Z = High-impedance, S = Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com