Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5407 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 19Page - Texas Instruments TMS320VC5407 Datasheet HTML 20Page - Texas Instruments TMS320VC5407 Datasheet HTML 21Page - Texas Instruments TMS320VC5407 Datasheet HTML 22Page - Texas Instruments TMS320VC5407 Datasheet HTML 23Page - Texas Instruments TMS320VC5407 Datasheet HTML 24Page - Texas Instruments TMS320VC5407 Datasheet HTML 25Page - Texas Instruments TMS320VC5407 Datasheet HTML 26Page - Texas Instruments TMS320VC5407 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 110 page
background image
Functional Overview
23
November 2001 − Revised April 2004
SPRS007D
3
Functional Overview
The following functional overview is based on the block diagram in Figure 3−1.
UART
GPIO
MBus
40K RAM
Dual Access
Program/Data†
McBSP0
McBSP1
McBSP2
RHEA Bus
APLL
TIMER
JTAG
Clocks
RHEAbus
RHEA
Bridge
TI BUS
xDMA
logic
128K Program
ROM‡
Enhanced XIO
P, C, D, E Buses and Control Signals
XIO
16HPI
54X cLEAD
16 HPI
† 16K for 5404
‡ 64K for 5404
Figure 3−1. TMS320VC5407/TMS320VC5404 Functional Block Diagram
3.1
Memory
The 5407/5404 device provides both on-chip ROM and RAM memories to aid in system performance and
integration.
3.1.1 Data Memory
The data memory space addresses up to 64K of 16-bit words. The device automatically accesses the on-chip
RAM when addressing within its bounds. When an address is generated outside the RAM bounds, the device
automatically generates an external access.
The advantages of operating from on-chip memory are as follows:
•
Higher performance because no wait states are required
•
Higher performance because of better flow within the pipeline of the central arithmetic logic unit (CALU)
•
Lower cost than external memory
•
Lower power than external memory
The advantage of operating from off-chip memory is the ability to access a larger address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com