Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5407 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320VC5407 Datasheet HTML 1Page - Texas Instruments TMS320VC5407 Datasheet HTML 2Page - Texas Instruments TMS320VC5407 Datasheet HTML 3Page - Texas Instruments TMS320VC5407 Datasheet HTML 4Page - Texas Instruments TMS320VC5407 Datasheet HTML 5Page - Texas Instruments TMS320VC5407 Datasheet HTML 6Page - Texas Instruments TMS320VC5407 Datasheet HTML 7Page - Texas Instruments TMS320VC5407 Datasheet HTML 8Page - Texas Instruments TMS320VC5407 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
Revision History
3
November 2001 − Revised April 2004
SPRS007D
REVISION HISTORY
This data sheet revision history highlights the technical changes made to the SPRS007C device-specific data
sheet to make it an SPRS007D revision.
Scope: This document has been reviewed for technical accuracy; the technical content is up-to-date as of the
specified release date with the following changes.
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
21
Added “This pin must be tied directly to DVDD to enable HPI.” to the HPIENA description and “This pin must be tied directly to
DVDD to enable HPI16 mode.” to the HPI16 description in Table 2−2. Also deleted “Internally pulled low.” from the HPI16
description.
38
Added the following to Section 3.9: “Since the Timer1 output is multiplexed externally with the HINT output, the HPI must be
disabled (HPIENA input pin = 0) if the Timer1 output is to be used. The Timer1 output also has a dedicated enable bit in the
General Purpose I/O Control Register (GPIOCR) located at data memory address 003Ch. If the external Timer1 output is to
be used, in addition to disabling the HPI, the TOUT1 bit in the GPIOCR must also be set to 1.”
42
Changed the parenthetical statement “(such as the McBSPs)” in Section 3.12. to read “(such as the McBSPs, but not the
UART)”
48
Added the following footnote to Table 3−12: “Note that the UART DMA synchronization event is usable as a synchronization
event only, and is not usable for transferring data to or from the UART. The DMA cannot be used to transfer data to or from
the UART.”
59
Changed Figure 3−23, bit 15 from “Reserved” to “TOUT1”.
60
Added the following paragraph to Section 3.14.2: “Bit 15 of the GPIOCR is also used as the Timer1 output enable bit, TOUT1.
The TOUT1 bit enables or disables the Timer1 output on the HINT/TOUT1 pin. If TOUT1 = 0, the Timer1 output is not
available externally; if TOUT1 = 1, the Timer1 output is driven on the HINT/TOUT1 pin. Note also that the Timer1 output is
only available when the HPI is disabled (HPIENA input pin = 0).”
71
Changed the IDDC parameter from “60” to “42” in the Electrical Characteristics Over Recommended Operating Case
Temperature Range table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com