Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5407 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 4Page - Texas Instruments TMS320VC5407 Datasheet HTML 5Page - Texas Instruments TMS320VC5407 Datasheet HTML 6Page - Texas Instruments TMS320VC5407 Datasheet HTML 7Page - Texas Instruments TMS320VC5407 Datasheet HTML 8Page - Texas Instruments TMS320VC5407 Datasheet HTML 9Page - Texas Instruments TMS320VC5407 Datasheet HTML 10Page - Texas Instruments TMS320VC5407 Datasheet HTML 11Page - Texas Instruments TMS320VC5407 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
Figures
8
November 2001 − Revised April 2004
SPRS007D
List of Figures
Figure
Page
2−1
144-Ball GGU MicroStar BGA (Bottom View)
15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−2
144-Pin PGE Low-Profile Quad Flatpack (Top View)
17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−1
TMS320VC5407/TMS320VC5404 Functional Block Diagram
23
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−2
5407 Program and Data Memory Map
26
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−3
5407 Extended Program Memory Map
26
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−4
5404 Program and Data Memory Map
27
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−5
5404 Extended Program Memory Map
28
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−6
Processor Mode Status (PMST) Register
29
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−7
Software Wait-State Register (SWWSR) [Memory-Mapped Register (MMR) Address 0028h]
30
. . .
3−8
Software Wait-State Control Register (SWCR) [MMR Address 002Bh]
31
. . . . . . . . . . . . . . . . . . . . . . .
3−9
Bank-Switching Control Register (BSCR) [MMR Address 0029h]
32
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−10
Host-Port Interface — Nonmultiplexed Mode
35
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−11
HPI Memory Map
35
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−12
Multichannel Control Register (MCR1)
37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−13
Multichannel Control Register (MCR2)
37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−14
Pin Control Register (PCR)
38
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−15
Nonconsecutive Memory Read and I/O Read Bus Sequence
40
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−16
Consecutive Memory Read Bus Sequence (n = 3 reads)
41
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−17
Memory Write and I/O Write Bus Sequence
42
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−18
DMA Transfer Mode Control Register (DMMCRn)
43
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−19
On-Chip DMA Memory Map for Program Space (DLAXS = 0 and SLAXS = 0)
45
. . . . . . . . . . . . . . . .
3−20
On-Chip DMA Memory Map for Data and IO Space (DLAXS = 0 and SLAXS = 0)
46
. . . . . . . . . . . . .
3−21
DMPREC Register
47
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−22
UART Functional Block Diagram
50
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−23
General-Purpose I/O Control Register (GPIOCR) [MMR Address 003Ch]
59
. . . . . . . . . . . . . . . . . . . .
3−24
General-Purpose I/O Status Register (GPIOSR) [MMR Address 003Dh]
60
. . . . . . . . . . . . . . . . . . . . .
3−25
Device ID Register (CSIDR) [MMR Address 003Eh]
60
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−26
IFR and IMR
67
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−1
3.3-V Test Load Circuit
71
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−2
Internal Divide-by-Two Clock Option With External Crystal
73
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−3
External Divide-by-Two Clock Timing
74
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−4
Multiply-by-One Clock Timing
75
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−5
Nonconsecutive Mode Memory Reads
77
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−6
Consecutive Mode Memory Reads
78
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−7
Memory Write (MSTRB = 0)
80
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−8
Parallel I/O Port Read (IOSTRB = 0)
82
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−9
Parallel I/O Port Write (IOSTRB = 0)
83
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com