Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5407 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 67Page - Texas Instruments TMS320VC5407 Datasheet HTML 68Page - Texas Instruments TMS320VC5407 Datasheet HTML 69Page - Texas Instruments TMS320VC5407 Datasheet HTML 70Page - Texas Instruments TMS320VC5407 Datasheet HTML 71Page - Texas Instruments TMS320VC5407 Datasheet HTML 72Page - Texas Instruments TMS320VC5407 Datasheet HTML 73Page - Texas Instruments TMS320VC5407 Datasheet HTML 74Page - Texas Instruments TMS320VC5407 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
Electrical Specifications
71
November 2001 − Revised April 2004
SPRS007D
5.3
Electrical Characteristics Over Recommended Operating Case Temperature
Range (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
V
High level output voltage‡
DVDD = 3 V to 3.6 V, IOH = MAX
2.4
V
VOH
High-level output voltage‡
DVDD = 2.7 V to 3 V, IOH = MAX
2.2
V
VOL
Low-level output voltage‡
IOL = MAX
0.4
V
I
Input current in high
A[22:0]
DV
MAX V
DV
to DV
275
275
µA
IIZ
Input current in high
impedance
A[22:0]
DVDD = MAX, VO = DVSS to DVDD
−275
275
µA
X2/CLKIN
−40
40
µA
TRST
With internal pulldown
−10
800
I
Input current
HPIENA
With internal pulldown, RS = 0
−10
400
II
Input current
(VI = DVSS to DVDD) TMS, TCK, TDI, HPI§
With internal pullups
−400
10
µA
SS
D[15:0], HD[7:0]
Bus holders enabled, DVDD = MAXk
−275
275
µA
All other input-only pins
−5
5
IDDC
Supply current, core CPU
CVDD = 1.5 V, fx = 120 MHz,TC = 25°C
42#
mA
IDDP
Supply current, pins
DVDD = 3.0 V, fx = 120 MHz,TC = 25°C
20||
mA
I
Supply current,
IDLE2
PLL × 1 mode, 20 MHz input
2
mA
IDD
Supply current,
standby
IDLE3
Divide-by-two mode, CLKIN stopped
1
h
mA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
† All values are typical unless otherwise specified.
‡ All input and output voltage levels except RS, INT0−INT3, NMI, X2/CLKIN, CLKMD1−CLKMD3 are LVTTL-compatible.
§ HPI input signals except for HPIENA.
Clock mode: PLL × 1 with external source
# This value was obtained with 50% usage of MAC and 50% usage of NOP instructions. Actual operating current varies with program being
executed.
|| This value was obtained with single-cycle external writes, CLKOFF = 0 and load = 15 pF. For more details on how this calculation is performed,
refer to the Calculation of TMS320LC54x Power Dissipation application report (literature number SPRA164).
kVIL(MIN) ≤ VI ≤ VIL(MAX) or VIH(MIN) ≤ VI ≤ VIH(MAX)
hMaterial with high IDD has been observed with an IDD as high as 7 mA during high temperature testing.
Tester Pin
Electronics
VLoad
IOL
CT
IOH
Output
Under
Test
50 Ω
Where:
IOL
= 1.5 mA (all outputs)
IOH
= 300 µA (all outputs)
VLoad
= 1.5 V
CT
= 20-pF typical load circuit capacitance
Figure 5−1. 3.3-V Test Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com