Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5407 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 26Page - Texas Instruments TMS320VC5407 Datasheet HTML 27Page - Texas Instruments TMS320VC5407 Datasheet HTML 28Page - Texas Instruments TMS320VC5407 Datasheet HTML 29Page - Texas Instruments TMS320VC5407 Datasheet HTML 30Page - Texas Instruments TMS320VC5407 Datasheet HTML 31Page - Texas Instruments TMS320VC5407 Datasheet HTML 32Page - Texas Instruments TMS320VC5407 Datasheet HTML 33Page - Texas Instruments TMS320VC5407 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 110 page
background image
Functional Overview
30
November 2001 − Revised April 2004
SPRS007D
3.6
On-Chip Peripherals
The 5407/5404 device has the following peripherals:
•
Software-programmable wait-state generator
•
Programmable bank-switching
•
A host-port interface (HPI8/16)
•
Three multichannel buffered serial ports (McBSPs)
•
Two hardware timers
•
A clock generator with a multiple phase-locked loop (PLL)
•
Enhanced external parallel interface (XIO2)
•
A DMA controller (DMA)
•
A UART with an integrated baud rate generator
3.6.1 Software-Programmable Wait-State Generator
The software wait-state generator of the 5407/5404 can extend external bus cycles by up to fourteen machine
cycles. Devices that require more than fourteen wait states can be interfaced using the hardware READY line.
When all external accesses are configured for zero wait states, the internal clocks to the wait-state generator
are automatically disabled. Disabling the wait-state generator clocks reduces the power consumption of
the 5407/5404.
The software wait-state register (SWWSR) controls the operation of the wait-state generator. The 14 LSBs
of the SWWSR specify the number of wait states (0 to 7) to be inserted for external memory accesses to five
separate address ranges. This allows a different number of wait states for each of the five address ranges.
Additionally, the software wait-state multiplier (SWSM) bit of the software wait-state control register (SWCR)
defines a multiplication factor of 1 or 2 for the number of wait states. At reset, the wait-state generator is
initialized to provide seven wait states on all external memory accesses. The SWWSR bit fields are shown
in Figure 3−7 and described in Table 3−3.
15
14
12
11
9
8
XPA
I/O
DATA
DATA
R/W-0
R/W-111
R/W-111
65
3
2
0
DATA
PROGRAM
PROGRAM
R/W-111
R/W-111
R/W-111
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−7. Software Wait-State Register (SWWSR) [Memory-Mapped Register (MMR) Address 0028h]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com