Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5407 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 42Page - Texas Instruments TMS320VC5407 Datasheet HTML 43Page - Texas Instruments TMS320VC5407 Datasheet HTML 44Page - Texas Instruments TMS320VC5407 Datasheet HTML 45Page - Texas Instruments TMS320VC5407 Datasheet HTML 46Page - Texas Instruments TMS320VC5407 Datasheet HTML 47Page - Texas Instruments TMS320VC5407 Datasheet HTML 48Page - Texas Instruments TMS320VC5407 Datasheet HTML 49Page - Texas Instruments TMS320VC5407 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 110 page
background image
Functional Overview
46
November 2001 − Revised April 2004
SPRS007D
Hex
0000
0030
0031
003F
Reserved
7FFF
8000
0000
FFFF
0032
0033
Hex
0000
FFFF
On-Chip
DARAM4†
8K Words
9FFF
A000
Reserved
DRR22
DRR12
DXR22
DXR12
0034
0040
0041
0042
0043
DRR21
DRR11
DXR21
DXR11
0044
0020
0021
005F
0022
0023
DRR20
DRR10
DXR20
DXR10
0024
002F
001F
005F
0060
0080
On-Chip
DARAM3†
8K Words
1FFF
2000
3FFF
4000
5FFF
6000
Scratch-Pad
RAM
007F
On-Chip
DARAM2†
8K Words
On-Chip
DARAM1
8K Words
On-Chip
DARAM0
8K Words
Data Space
(See Breakout)
I/O Space
Data Space
Data Space (0000 − 005F)
Reserved
Reserved
Reserved
Reserved
† Reserved on the 5404
Figure 3−20. On-Chip DMA Memory Map for Data and IO Space (DLAXS = 0 and SLAXS = 0)
3.12.4
DMA Priority Level
Each DMA channel can be independently assigned high- or low-priority relative to each other. Multiple DMA
channels that are assigned to the same priority level are handled in a round-robin manner.
3.12.5
DMA Source/Destination Address Modification
The DMA provides flexible address-indexing modes for easy implementation of data management schemes
such as autobuffering and circular buffers. Source and destination addresses can be indexed separately and
can be post-incremented, post-decremented, or post-incremented with a specified index offset.
3.12.6
DMA in Autoinitialization Mode
The DMA can automatically reinitialize itself after completion of a block transfer. Some of the DMA registers
can be preloaded for the next block transfer through the DMA reload registers (DMGSA, DMGDA, DMGCR,
and DMGFR). Autoinitialization allows:
•
Continuous operation: Normally, the CPU would have to reinitialize the DMA immediately after the
completion of the current block transfers, but with the reload registers, it can reinitialize these values for
the next block transfer any time after the current block transfer begins.
•
Repetitive operation: The CPU does not preload the reload register with new values for each block transfer
but only loads them on the first block transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com