Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP3913 Datasheet HTML 23Page - Microchip Technology MCP3913 Datasheet HTML 24Page - Microchip Technology MCP3913 Datasheet HTML 25Page - Microchip Technology MCP3913 Datasheet HTML 26Page - Microchip Technology MCP3913 Datasheet HTML 27Page - Microchip Technology MCP3913 Datasheet HTML 28Page - Microchip Technology MCP3913 Datasheet HTML 29Page - Microchip Technology MCP3913 Datasheet HTML 30Page - Microchip Technology MCP3913 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
 2013 Microchip Technology Inc.
DS20005227A-page 27
MCP3913
When an ADC exits ADC Shutdown mode, any phase
delay present before shutdown was entered will still be
present. If one ADC was not in Shutdown, the ADC
leaving Shutdown mode will automatically resynchro-
nize the phase delay relative to the other ADC channel
per the phase delay register block, and give data ready
pulses accordingly.
If an ADC is placed in Shutdown mode while others are
converting, it is not shutting down the internal clock.
When coming back out of Shutdown mode, it will
automatically be resynchronized with the clock that did
not stop during reset.
If all ADCs are in ADC Shutdown mode, the clock is not
distributed to the input structure or to the digital core for
low-power operation. This can potentially cause high
analog input leakage currents at the analog inputs, if
the input voltage is highly negative (typically below -
0.6V referred to AGND). Once either of the ADCs is
back to normal operation, the clock is automatically
distributed again.
4.22
Full Shutdown Mode
The lowest power consumption can be achieved when
SHUTDOWN<5:0> = 111111,
VREFEXT = CLKEXT = 1. This mode is called Full
Shutdown mode, and no analog circuitry is enabled. In
this mode, both AVDD and DVDD POR monitoring are
also disabled, and no clock is propagated throughout
the chip. All ADCs are in Shutdown mode, and the
internal voltage reference is disabled. This mode does
not reset the writable part of the register map to its
default values.
The clock is no longer distributed to the input structure
as well. This can potentially cause high analog input
leakage currents at the analog inputs, if the input volt-
age is highly negative (typically below -0.6V referred to
AGND).
The only circuit that remains active is the SPI interface,
but this circuit does not induce any static power
consumption. If SCK is idle, the only current
consumption comes from the leakage currents induced
by the transistors and is less than 5 µA on each power
supply.
This mode can be used to power down the chip
completely and avoid power consumption when there
is no data to convert at the analog inputs. Any SCK or
MCLK edge occurring while in this mode will induce
dynamic power consumption.
Once any of the SHUTDOWN<5:0>, CLKEXT and
VREFEXT bits return to ‘0’, the two POR monitoring
blocks are operational and AVDD and DVDD monitoring
can take place.
4.23
Measurement Error
The measurement error specification is typically used
in power meter applications. This specification is a
measurement of the linearity of the active energy of a
given power meter across its dynamic range.
For this measurement, the goal is to measure the
active energy of one phase when the voltage Root
Mean Square (RMS) value is fixed, and the current
RMS value is sweeping across the dynamic range
specified by the meter. The measurement error is the
non-linearity error of the energy power across the
current dynamic range. It is expressed in percent (%).
Equation 4-13 shows the formula that calculates the
measurement error:
EQUATION 4-13:
In the present device, the calculation of the active
energy is done externally, as a post-processing step
that
typically
happens
in
the
microcontroller,
considering, for example, the even channels as current
channels and the odd channels as voltage channels.
The odd channels (voltages) are fed with a full-scale
sine wave at 600 mV peak, and are configured with
GAIN = 1 and DITHER = Maximum. To obtain the
active energy measurement error graphs, the even
channels are fed with sine waves with amplitudes that
vary from 600 mV peak to 60 µV peak, representing a
10000:1 dynamic range. The offset is removed on both
current and voltage channels, and the channels are
multiplied together to give instantaneous power. The
active energy is calculated by multiplying the current
and voltage channel, and averaging the results of this
power during 20 seconds, to extract the active energy.
The sampling frequency is chosen as a multiple integer
of line frequency (coherent sampling). Therefore, the
calculation does not take into account any residue
coming from bad synchronization.
The measurement error is a function of IRMS and varies
with the OSR, averaging time, MCLK frequency and is
tightly
coupled
with
the
noise
and
linearity
specifications. The measurement error is a function of
the linearity and THD of the ADCs, while the standard
deviation of the measurement error is a function of the
noise specification of the ADCs. Overall, the low THD
specification enables low measurement error on a very
large dynamic range (e.g. 10,000:1). A low noise and
high SNR specification enables the decreasing of the
measurement time and, therefore, the calibration time,
to obtain a reliable measurement error specification.
Figure 2-5 shows the typical measurement error
curves obtained with the samples acquired by the
MCP3913, using the default settings with a 1-point and
2-point calibration. These calibrations are detailed in
Section 7.0
“Basic
Application
Recommenda-
tions”
.
Measurement Error I
RMS
 Measured Active Energy Active Energy present at inputs
–
Active Energy present at inputs
--------------------------------------------------------------------------------------------------------------------------------------------
100%
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com