Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP3913 Datasheet HTML 53Page - Microchip Technology MCP3913 Datasheet HTML 54Page - Microchip Technology MCP3913 Datasheet HTML 55Page - Microchip Technology MCP3913 Datasheet HTML 56Page - Microchip Technology MCP3913 Datasheet HTML 57Page - Microchip Technology MCP3913 Datasheet HTML 58Page - Microchip Technology MCP3913 Datasheet HTML 59Page - Microchip Technology MCP3913 Datasheet HTML 60Page - Microchip Technology MCP3913 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
 2013 Microchip Technology Inc.
DS20005227A-page 57
MCP3913
8.0
MCP3913 INTERNAL
REGISTERS
The addresses associated with the internal registers
are listed in Table 8-1. This section also describes the
registers in detail. All registers are 24-bit long registers,
which can be addressed and read separately.
The format of the data registers (0x00 to 0x05) can be
changed
with
WIDTH_DATA<1:0>
bits
in
the
STATUSCOM register. The READ<1:0> and WRITE
bits define the groups and types of registers for
continuous read/write communication or looping on
address sets, as shown in Table 8-2.
TABLE 8-1:
MCP3913 REGISTER MAP
Address
Name
Bits
R/W
Description
0x00
CHANNEL0
24
R
Channel 0 ADC Data <23:0>, MSB first
0x01
CHANNEL1
24
R
Channel 1 ADC Data <23:0>, MSB first
0x02
CHANNEL2
24
R
Channel 2 ADC Data <23:0>, MSB first
0x03
CHANNEL3
24
R
Channel 3 ADC Data <23:0>, MSB first
0x04
CHANNEL4
24
R
Channel 4 ADC Data <23:0>, MSB first
0x05
CHANNEL5
24
R
Channel 5 ADC Data <23:0>, MSB first
0x06
Unused
24
U
Unused
0x07
Unused
24
U
Unused
0x08
MOD
24
R/W
Delta-Sigma Modulators Output Value
0x09
PHASE0
24
R/W
Phase Delay Configuration Register - Channel pairs 4/5
0x0A
PHASE1
24
R/W
Phase Delay Configuration Register - Channel pairs 0/1 and 2/3
0x0B
GAIN
24
R/W
Gain Configuration Register
0x0C
STATUSCOM
24
R/W
Status and Communication Register
0x0D
CONFIG0
24
R/W
Configuration Register
0x0E
CONFIG1
24
R/W
Configuration Register
0x0F
OFFCAL_CH0
24
R/W
Offset Correction Register - Channel 0
0x10
GAINCAL_CH0
24
R/W
Gain Correction Register - Channel 0
0x11
OFFCAL_CH1
24
R/W
Offset Correction Register - Channel 1
0x12
GAINCAL_CH1
24
R/W
Gain Correction Register - Channel 1
0x13
OFFCAL_CH2
24
R/W
Offset Correction Register - Channel 2
0x14
GAINCAL_CH2
24
R/W
Gain Correction Register - Channel 2
0x15
OFFCAL_CH3
24
R/W
Offset Correction Register - Channel 3
0x16
GAINCAL_CH3
24
R/W
Gain Correction Register - Channel 3
0x17
OFFCAL_CH4
24
R/W
Offset Correction Register - Channel 4
0x18
GAINCAL_CH4
24
R/W
Gain Correction Register - Channel 4
0x19
OFFCAL_CH5
24
R/W
Offset Correction Register - Channel 5
0x1A
GAINCAL_CH5
24
R/W
Gain Correction Register - Channel 5
0x1B
Unused
24
U
Unused
0x1C
Unused
24
U
Unused
0x1D
Unused
24
U
Unused
0x1E
Unused
24
U
Unused
0x1F
LOCK/CRC
24
R/W
Security Register (Password and CRC-16 on Register Map)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com