Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP3913 Datasheet HTML 26Page - Microchip Technology MCP3913 Datasheet HTML 27Page - Microchip Technology MCP3913 Datasheet HTML 28Page - Microchip Technology MCP3913 Datasheet HTML 29Page - Microchip Technology MCP3913 Datasheet HTML 30Page - Microchip Technology MCP3913 Datasheet HTML 31Page - Microchip Technology MCP3913 Datasheet HTML 32Page - Microchip Technology MCP3913 Datasheet HTML 33Page - Microchip Technology MCP3913 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
MCP3913
DS20005227A-page 30
 2013 Microchip Technology Inc.
5.3.2
MODULATOR INPUT RANGE AND
SATURATION POINT
For a specified voltage reference value of 1.2V, the
specified differential input range is ±600 mV. The input
range is proportional to VREF and scales according to
the VREF voltage. This range ensures the stability of the
modulator over amplitude and frequency. Outside of
this range, the modulator is still functional; however, its
stability is no longer ensured and therefore it is not
recommended to exceed this limit. The saturation point
for the modulator is VREF/1.5, since the transfer
function of the ADC includes a gain of 1.5 by default
(independent from the PGA setting). See Section 5.5
“ADC Output Coding”
).
5.3.3
BOOST SETTINGS
The delta-sigma modulators include a programmable
biasing circuit, in order to further adjust the power
consumption to the sampling speed applied through
the MCLK. This can be programmed through the
BOOST<1:0> bits, which are applied to all channels
simultaneously.
The maximum achievable analog master clock speed
(AMCLK), the maximum sampling frequency (DMCLK)
and the maximum achievable data rate (DRCLK),
highly depend on BOOST<1:0> and PGA_CHn<2:0>
settings. Table 5-2 specifies the maximum AMCLK
possible to keep optimal accuracy in the function of
BOOST<1:0> and PGA_CHn<2:0> settings.
TABLE 5-2:
MAXIMUM AMCLK LIMITS AS A FUNCTION OF BOOST AND PGA GAIN
Conditions
VDD = 3.0V to 3.6V,
TA from -40°C to +125°C
VDD = 2.7V to 3.6V,
TA from -40°C to +125°C
Boost
Gain
Maximum AMCLK
(MHz)
(SINAD within -3 dB
from its maximum)
Maximum AMCLK
(MHz)
(SINAD within -5 dB
from its maximum)
Maximum AMCLK
(MHz)
(SINAD within -3 dB
from its maximum)
Maximum AMCLK
(MHz)
(SINAD within -5 dB
from its maximum)
0.5x
1
4
4
4
4
0.66x
1
6.4
7.3
6.4
7.3
1x
1
11.4
11.4
10.6
10.6
2x
1
16
16
16
16
0.5x
2
4
4
4
4
0.66x
2
6.4
7.3
6.4
7.3
1x
2
11.4
11.4
10.6
10.6
2x
2
16
16
13.3
14.5
0.5x
4
2.9
2.9
2.9
2.9
0.66x
4
6.4
6.4
6.4
6.4
1x
4
10.7
10.7
9.4
10.7
2x
4
16
16
16
16
0.5x
8
2.9
4
2.9
4
0.66x
8
7.3
8
6.4
7.3
1x
8
11.4
12.3
8
8.9
2x
8
16
16
10
11.4
0.5x
16
2.9
2.9
2.9
2.9
0.66x
16
6.4
7.3
6.4
7.3
1x
16
11.4
11.4
9.4
10.6
2x
16
13.3
16
8.9
11.4
0.5x
32
2.9
2.9
2.9
2.9
0.66x
32
7.3
7.3
7.3
7.3
1x
32
10.6
12.3
9.4
10,6
2x
32
13.3
16
10
11.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com