Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP3913 Datasheet HTML 28Page - Microchip Technology MCP3913 Datasheet HTML 29Page - Microchip Technology MCP3913 Datasheet HTML 30Page - Microchip Technology MCP3913 Datasheet HTML 31Page - Microchip Technology MCP3913 Datasheet HTML 32Page - Microchip Technology MCP3913 Datasheet HTML 33Page - Microchip Technology MCP3913 Datasheet HTML 34Page - Microchip Technology MCP3913 Datasheet HTML 35Page - Microchip Technology MCP3913 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
MCP3913
DS20005227A-page 32
 2013 Microchip Technology Inc.
The gain of the transfer function of this filter is 1 at each
multiple of DMCLK (typically 1 MHz), so a proper anti-
aliasing filter must be placed at the inputs. This will
attenuate the frequency content around DMCLK and
keep the desired accuracy over the baseband of the
converter. This anti-aliasing filter can be a simple, first-
order RC network, with a sufficiently low-time constant
to generate high rejection at the DMCLK frequency
.
Any unsettled data is automatically discarded to avoid
data corruption. Each data-ready pulse corresponds to
fully settled data at the output of the decimation filter.
The first data available at the output of the decimation
filter is present after the complete settling time of the
filter (see Table 5-3). After the first data has been
processed, the delay between two data-ready pulses
coming from the same ADC channel is one DRCLK
period. The data stream from input to output is delayed
by an amount equal to the settling time of the filter
(which is the group delay of the filter).
The achievable resolution, the -3 dB bandwidth and the
settling time at the output of the decimation filter (the
output of the ADC), is dependent on the OSR of each
sinc filter and is summarized in Table 5-3.
FIGURE 5-3:
SINC Filter Frequency
Response, OSR = 256, MCLK = 4 MHz,
PRE<1:0> = 00.
FIGURE 5-4:
SINC Filter Frequency
Response, OSR = 4096 (in pink), OSR = 512 (in
blue), MCLK = 4 MHz, PRE<1:0> = 00.
TABLE 5-3:
OVERSAMPLING RATIO AND SINC FILTER SETTLING TIME
OSR<2:0>
OSR3
OSR1
Total OSR
Resolution in Bits
(No Missing Code)
Settling Time
-3 dB Bandwidth
000
32
1
32
17
96/DMCLK
0.26*DRCLK
001
64
1
64
20
192/DMCLK
0.26*DRCLK
010
128
1
128
23
384/DMCLK
0.26*DRCLK
011
256
1
256
24
768/DMCLK
0.26*DRCLK
100
512
1
512
24
1536/DMCLK
0.26*DRCLK
101
512
2
1024
24
2048/DMCLK
0.37*DRCLK
110
512
4
2048
24
3072/DMCLK
0.42*DRCLK
111
512
8
4096
24
5120/DMCLK
0.43*DRCLK
-80
-60
-40
-20
0
-120
-100
1
10
100
1000
10000
100000
Input Frequency (Hz)
-100
-80
-60
-40
-20
0
-160
-140
-120
1
100
10000
1000000
Input Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com