Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP3913 Datasheet HTML 13Page - Microchip Technology MCP3913 Datasheet HTML 14Page - Microchip Technology MCP3913 Datasheet HTML 15Page - Microchip Technology MCP3913 Datasheet HTML 16Page - Microchip Technology MCP3913 Datasheet HTML 17Page - Microchip Technology MCP3913 Datasheet HTML 18Page - Microchip Technology MCP3913 Datasheet HTML 19Page - Microchip Technology MCP3913 Datasheet HTML 20Page - Microchip Technology MCP3913 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
 2013 Microchip Technology Inc.
DS20005227A-page 17
MCP3913
3.0
PIN DESCRIPTION
The description of the pins are listed in Table 3-1.
TABLE 3-1:
SIX CHANNEL MCP3913 PIN FUNCTION TABLE
MCP3913
SSOP
MCP3913
UQFN
Symbol
Function
1
18, 35
AVDD
Analog Power Supply Pin
2
37
CH0+
Non-Inverting Analog Input Pin for Channel 0
3
38
CH0-
Inverting Analog Input Pin for Channel 0
4
39
CH1-
Inverting Analog Input Pin for Channel 1
5
40
CH1+
Non-Inverting Analog Input Pin for Channel 1
6
1
CH2+
Non-Inverting Analog Input Pin for Channel 2
7
2
CH2-
Inverting Analog Input Pin for Channel 2
8
3
CH3-
Inverting Analog Input Pin for Channel 3
9
4
CH3+
Non-Inverting Analog Input Pin for Channel 3
10
7
CH4+
Non-Inverting Analog Input Pin for Channel 4
11
8
CH4-
Inverting Analog Input Pin for Channel 4
12
9
CH5-
Inverting Analog Input Pin for Channel 5
13
10
CH5+
Non-Inverting Analog Input Pin for Channel 5
14
15
REFIN+/OUT
Non-Inverting Voltage Reference Input and Internal Reference Output
Pin
15
16
REFIN-
Inverting Voltage Reference Input Pin
16
17, 36
AGND
Analog Ground Pin, Return Path for Internal Analog Circuitry
17, 20
21, 24, 32
DGND
Digital Ground Pin, Return Path for Internal Digital Circuitry
18
22
DR
Data Ready Signal Output Pin
19
5, 6, 11,
12, 13, 14,
19, 23, 34
NC
No Connect (for better EMI results connect to AGND)
21
25
OSC1/CLKI
Oscillator Crystal Connection Pin or External Clock Input Pin
22
26
OSC2
Oscillator Crystal Connection Pin
23
27
CS
Serial Interface Chip Select Input Pin
24
28
SCK
Serial Interface Clock Input Pin for SPI
25
29
SDO
Serial Interface Data Output Pin
26
30
SDI
Serial Interface Data Input Pin
27
31
RESET
Master Reset Logic Input Pin
28
20, 33
DVDD
Digital Power Supply Pin
—
41
EP
Exposed Thermal Pad. Must be connected to AGND or floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com