Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3913 Datasheet HTML 1Page - Microchip Technology MCP3913 Datasheet HTML 2Page - Microchip Technology MCP3913 Datasheet HTML 3Page - Microchip Technology MCP3913 Datasheet HTML 4Page - Microchip Technology MCP3913 Datasheet HTML 5Page - Microchip Technology MCP3913 Datasheet HTML 6Page - Microchip Technology MCP3913 Datasheet HTML 7Page - Microchip Technology MCP3913 Datasheet HTML 8Page - Microchip Technology MCP3913 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
 2013 Microchip Technology Inc.
DS20005227A-page 1
MCP3913
Features:
• Six Synchronous Sampling 24-bit Resolution
Delta-Sigma A/D Converters
• 94.5 dB SINAD, -107 dBc Total Harmonic
Distortion (THD) (up to 35th Harmonic), 112 dBFS
SFDR for Each Channel
• Enables 0.1% Typical Active Power Measurement
Error over a 10,000:1 Dynamic Range
• Advanced Security Features:
- 16-bit Cyclic Redundancy Check (CRC)
Checksum on All Communications for Secure
Data Transfers
- 16-bit CRC Checksum and Interrupt Alert for
Register Map Configuration
- Register Map lock with 8-bit Secure Key
• 2.7V-3.6V AVDD, DVDD
• Programmable Data Rate up to 125 ksps:
- 4 MHz Maximum Sampling Frequency
- 16 MHz Maximum Master Clock
• Oversampling Ratio up to 4096
• Ultra-Low Power Shutdown Mode with < 10 µA
• -122 dB Crosstalk between Channels
• Low Drift 1.2V Internal Voltage Reference:
9 ppm/°C
• Differential Voltage Reference Input Pins
• High Gain PGA on Each Channel (up to 32 V/V)
• Phase Delay Compensation with 1 µs Time
Resolution
• Separate Data Ready Pin for Easy
Synchronization
• Individual 24-bit Digital Offset and Gain Error
Correction for Each Channel
• High-Speed 20 MHz SPI Interface with Mode 0,0
and 1,1 Compatibility
• Continuous Read/Write Modes for Minimum
Communication Time with Dedicated 16/32-bit
Modes
• Available in a 40-lead UQFN and 28-lead SSOP
Packages
• Extended Temperature Range: -40°C to +125°C
Description:
The MCP3913 is a 3V six-channel Analog Front End
(AFE), containing six synchronous sampling delta-
sigma, Analog-to-Digital Converters (ADC), six PGAs,
phase delay compensation block, low-drift internal
voltage reference, digital offset and gain error
calibration
registers,
and
high-speed
20 MHz
SPI-compatible serial interface.
The MCP3913 ADCs are fully configurable, with
features such as: 16/24-bit resolution, Oversampling
Ratio (OSR) from 32 to 4096, gain from 1x to 32x,
independent Shutdown and Reset, dithering and auto-
zeroing. The communication is largely simplified with 8-
bit commands, including various continuous read/write
modes and 16/24/32-bit data formats that can be
accessed by the Direct Memory Access (DMA) of an
8/16- or 32-bit MCU, and with the separate data ready
pin that can directly be connected to an Interrupt
Request (IRQ) input of an MCU.
The MCP3913 includes advanced security features to
secure the communications and the configuration
settings, such as a CRC-16 checksum on both serial
data outputs and static register map configuration. It
also includes a register-map lock through an 8-bit
secure key to stop unwanted write commands from
processing.
The MCP3913 is capable of interfacing with a variety of
voltage and current sensors, including shunts, current
transformers, Rogowski coils and Hall-effect sensors.
Applications:
• Polyphase Energy Meters
• Energy Metering and Power Measurement
• Automotive
• Portable Instrumentation
• Medical and Power Monitoring
• Audio/Voice Recognition
3V Six-Channel Analog Front End


Similar Part No. - MCP3913

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
MCP3910 MICROCHIP-MCP3910 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1 MICROCHIP-MCP3910A1 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1-E/ML MICROCHIP-MCP3910A1-E/ML Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
MCP3910A1-E/ML MICROCHIP-MCP3910A1-E/ML Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results

Similar Description - MCP3913

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360 AD-AD73360 Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV.A
AD73360L AD-AD73360L Datasheet
287Kb / 32P
Six-Input Channel Analog Front End
REV.0
AD73460 AD-AD73460 Datasheet
290Kb / 32P
Six-Input Channel Analog Front End
REV.0
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV. A
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
Six-Input Channel Analog Front End
23-Feb-2017
AD73360 AD-AD73360_17 Datasheet
377Kb / 36P
Six-input Channel Analog Front End
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com