Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP3913 Datasheet HTML 34Page - Microchip Technology MCP3913 Datasheet HTML 35Page - Microchip Technology MCP3913 Datasheet HTML 36Page - Microchip Technology MCP3913 Datasheet HTML 37Page - Microchip Technology MCP3913 Datasheet HTML 38Page - Microchip Technology MCP3913 Datasheet HTML 39Page - Microchip Technology MCP3913 Datasheet HTML 40Page - Microchip Technology MCP3913 Datasheet HTML 41Page - Microchip Technology MCP3913 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
MCP3913
DS20005227A-page 38
 2013 Microchip Technology Inc.
5.10
Data Ready Link
There are two modes defined with the DR_LINK bit in
the STATUSCOM register that control the data ready
pulses. The position of the data ready pulses varies
with respect to this mode, to the OSR<2:0> and to the
PHASE0/1 register settings. Figure 5.11 represents the
behavior of the data ready pin with the two DR_LINK
configurations
• DR_LINK = 0: Data ready pulses from all enabled
channels are output on the DR pin.
• DR_LINK = 1 (Recommended and Default mode):
Only the data ready pulses from the most lagging
ADC between all the active ADCs are present on
the DR pin.
The lagging ADC data ready position depends on the
PHASE0/1 registers, the PRE<1:0> and the OSR<2:0>
settings. In this mode, the active ADCs are linked
together, so their data is latched together when the
lagging ADC output is ready. For power metering
applications, DR_LINK = 1 is recommended (Default
mode); it allows the host MCU to gather all channels
synchronously within a unique interrupt pulse and it
ensures that all channels have been latched at the
same time, so that no data corruption is happening.
5.11
Data Ready Status Bits
In addition to the data ready pin indicator, the
MCP3913 device includes a separate data-ready
status bit for each channel. Each ADC channel CHn is
associated to the corresponding DRSTATUS<n> that
can be read at all times in the STATUSCOM register.
These status bits can be used to synchronize the data
retrieval, in case the DR pin is not connected (see
Section 6.8
“ADC
Channels
Latching
and
Synchronization”
).
The DRSTATUS<5:0> bits are not writable; writing on
them has no effect. They have a default value of '1',
which indicates that the data of the corresponding ADC
is not ready. This means that the ADC output register
has not been updated since the last reading (or since
the last reset). The DRSTATUS bits take the '0' state,
once the ADC channel register is updated (which hap-
pens at a DRCLK rate). A simple read of the STATUS-
COM register clears all the DRSTATUS bits to their
default value ('1').
In the case of DR_LINK = 1, the DRSTATUS<5:0> bits
are all updated synchronously with the most lagging
channel, at the same time the DR pulse is generated.
In case of DR_LINK = 0, each DRSTATUS bit is
updated independently and synchronously with its
corresponding channel.
5.12
Crystal Oscillator
The MCP3913 includes a Pierce-type crystal oscillator
with very high stability and ensures very low tempco
and jitter for the clock generation. This oscillator can
handle crystal frequencies up to 20 MHz, provided
proper load capacitances and quartz quality factors are
used. The crystal oscillator is enabled when
CLKEXT = 0 in the CONFIG1 register.
For a proper start-up, the load capacitors of the crystal
should be connected between OSC1 and DGND and
between OSC2 and DGND. They should also respect
Equation 5-7.
EQUATION 5-7:
When CLKEXT = 1, the crystal oscillator is bypassed
by a digital buffer, to allow direct clock input for an
external clock (see Figure 4-1). In this case, the OSC2
pin is pulled down internally to DGND and should be
connected to DGND externally for better EMI/EMC
immunity.
TABLE 5-9:
PHASE VALUES WITH
MCLK = 4 MHZ, OSR = 4096,
PRE<1:0> = 00
PHASEX<11:0> for
the Channel Pair
CH<n/n+1>
Hex
Delay
(CH<n> relative
to CH<n+1>)
0111 111111 11
0x7FF
+ 2047 µs
0111 111111 10
0x7FE
+ 2046 µs
0000 000000 01
0x001
+ 1 µs
0000 000000 00
0x000
0 µs
1111 111111 11
0xFFF
- 1 µs
1000 000000 01
0x801
- 2047 µs
1000 000000 00
0x800
-2048 µs
R
M
1.6
10
6
1
fC
LOAD
------------------------


2
<
Where:
f = crystal frequency in MHz
CLOAD = load capacitance in pF including
parasitics from the PCB
RM = motional resistance in ohms of the
quartz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com