Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP3913 Datasheet HTML 38Page - Microchip Technology MCP3913 Datasheet HTML 39Page - Microchip Technology MCP3913 Datasheet HTML 40Page - Microchip Technology MCP3913 Datasheet HTML 41Page - Microchip Technology MCP3913 Datasheet HTML 42Page - Microchip Technology MCP3913 Datasheet HTML 43Page - Microchip Technology MCP3913 Datasheet HTML 44Page - Microchip Technology MCP3913 Datasheet HTML 45Page - Microchip Technology MCP3913 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
MCP3913
DS20005227A-page 42
 2013 Microchip Technology Inc.
The default device address bits are A<6:5> = 01 (con-
tact the Microchip factory for other available device
address bits). For more information, see the Product
Identification System
section. The register map is
defined in Table 8-1.
6.3
Reading from the Device
The first register read on the SDO pin is the one defined
by the address (A<4:0>) given in the CONTROL byte.
After this first register is fully transmitted, if the CS pin
is maintained logic low, the communication continues
without an additional control byte and the SDO pin
transmits
another
register
with
the
address
automatically incremented or not, depending on the
READ<1:0> bit settings.
Four different Read mode configurations can be
defined
through
the
READ<1:0>
bits
in
the
STATUSCOM register for the address increment (see
Section 6.5,
Continuous
Communications,
Looping on Register Sets
and Table 8-2). The data
on SDO is clocked out of the MCP3913 on the falling
edge of SCK. The reading format for each register is
defined
on
Section 6.5
“Continuous
Communications, Looping on Register Sets”
.
FIGURE 6-2:
Read on a Single Register with 24-bit Format (WIDTH_DATA<1:0> = 01,
SPI Mode 1,1).
FIGURE 6-3:
Read on a Single Register with 24-bit Format (WIDTH_DATA<1:0> = 01,
SPI Mode 0,0).
READ Communication (SPI mode 1,1)
Don’t care
Don’t care
SCK
SDI
SDO
CS
DATA<0>
Hi-Z
Hi-Z
Device latches SDI on rising edge
Device latches SDO on falling edge
R/W
READ Communication (SPI mode 0,0)
Don’t care
Don’t care
Don’t care
SCK
SDI
SDO
CS
DATA<23>
Hi-Z
Hi-Z
Device latches SDI on rising edge
Device latches SDO on falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com