Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913 Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP3913 Datasheet HTML 51Page - Microchip Technology MCP3913 Datasheet HTML 52Page - Microchip Technology MCP3913 Datasheet HTML 53Page - Microchip Technology MCP3913 Datasheet HTML 54Page - Microchip Technology MCP3913 Datasheet HTML 55Page - Microchip Technology MCP3913 Datasheet HTML 56Page - Microchip Technology MCP3913 Datasheet HTML 57Page - Microchip Technology MCP3913 Datasheet HTML 58Page - Microchip Technology MCP3913 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
 2013 Microchip Technology Inc.
DS20005227A-page 55
MCP3913
At low signal amplitude values (typically 1000:1
dynamic range and higher), the crosstalk between
channels, mainly caused by the PCB, becomes a
significant part of the perturbation as the measurement
error increases. The 1-point measurement error curves
in Figure 2-5 have been performed with a full-scale
sine wave on all the inputs that are not measured,
which means that these channels induce a maximum
amount of crosstalk on the measurement error curve.
In order to avoid such behavior, a 2-point calibration
can be put in place in the calculation section.
This 2-point calibration can be a simple linear
interpolation between two calibration points (one at
high amplitudes, one at low amplitudes at each end of
the dynamic range) and helps to significantly lower the
effect of crosstalk between channels. A 2-point
calibration is very effective in maintaining the
measurement error close to zero on the whole dynamic
range, since the non-linearity and distortion of the
MCP3913 is very low. Figure 2-6 shows the
measurement error curves obtained with the same
ADC data taken for Figure 2-5, but where a 2-point
calibration has been applied. The difference is
significant only at the low end of the dynamic range,
where all the perturbing factors are a bigger part of the
ADC output signals. These curves show extremely tight
measurement error across the full dynamic range
(here, typically 10,000:1), which is required in
high-accuracy class meters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com