Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP3913 Datasheet HTML 11Page - Microchip Technology MCP3913 Datasheet HTML 12Page - Microchip Technology MCP3913 Datasheet HTML 13Page - Microchip Technology MCP3913 Datasheet HTML 14Page - Microchip Technology MCP3913 Datasheet HTML 15Page - Microchip Technology MCP3913 Datasheet HTML 16Page - Microchip Technology MCP3913 Datasheet HTML 17Page - Microchip Technology MCP3913 Datasheet HTML 18Page - Microchip Technology MCP3913 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
 2013 Microchip Technology Inc.
DS20005227A-page 15
MCP3913
Note:
Unless otherwise indicated, AVDD = 3V, DVDD = 3V; TA = +25°C, MCLK = 4 MHz; PRESCALE = 1;
OSR = 256; GAIN = 1; Dithering = Maximum; VIN = -0.5 dBFS @ 60 Hz on all channels, VREFEXT = 0; CLKEXT = 1;
BOOST<1:0> = 10.
FIGURE 2-37:
Internal Voltage Reference
vs. Supply Voltage.
FIGURE 2-38:
Integral Non-Linearity
(Dithering Maximum).
FIGURE 2-39:
Integral Non-Linearity
(Dithering Off).
FIGURE 2-40:
Operating Current vs. MCLK
Frequency vs. Boost, VDD = 3.3V.
FIGURE 2-41:
Operating Current vs. MCLK
Frequency vs. Boost, VDD = 2.7V.
1.1961
1.1962
1.1963
1.1964
1.1965
1.1966
1.1967
1.1968
1.1969
2.5 2.6 2.7 2.8 2.9
3
3.1 3.2 3.3 3.4 3.5 3.6
AV
DD (V)
-10
-8
-6
-4
-2
0
2
4
6
8
10
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
Input Voltage (V)
-10
-8
-6
-4
-2
0
2
4
6
8
10
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
Input Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
22
24
2
4
6
8
10
12
14
16
18
20
MCLK Frequency (MHz)
AIDD BOOST = 0.5
AIDD BOOST = 0.66
AIDD BOOST = 1
AIDD BOOST = 2
DIDD
0
2
4
6
8
10
12
14
16
18
20
22
24
2
4
6
8
10
12
14
16
18
20
MCLK (MHz)
AIDD BOOST = 0.5
AIDD BOOST = 0.66
AIDD BOOST = 1
AIDD BOOST = 2
DIDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com