Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP3913 Datasheet HTML 16Page - Microchip Technology MCP3913 Datasheet HTML 17Page - Microchip Technology MCP3913 Datasheet HTML 18Page - Microchip Technology MCP3913 Datasheet HTML 19Page - Microchip Technology MCP3913 Datasheet HTML 20Page - Microchip Technology MCP3913 Datasheet HTML 21Page - Microchip Technology MCP3913 Datasheet HTML 22Page - Microchip Technology MCP3913 Datasheet HTML 23Page - Microchip Technology MCP3913 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
MCP3913
DS20005227A-page 20
 2013 Microchip Technology Inc.
3.14
Master Reset (RESET)
This pin is active low and places the entire chip in a
Reset state when active.
When RESET is logic low, all registers are reset to their
default value, no communication can take place, and
no clock is distributed inside the part, except in the
input structure if MCLK is applied (if MCLK is idle, then
no clock is distributed). This state is equivalent to a
Power-On Reset (POR) state.
Since the default state of the ADCs is on, the analog
power consumption when RESET is logic low is
equivalent to when RESET is logic high. Only the digital
power consumption is largely reduced because this
current consumption is essentially dynamic, and is
reduced drastically when there is no clock running.
All the analog biases are enabled during a Reset, so
that the part is fully operational just after a RESET
rising edge, if MCLK is applied when RESET is logic
low. If MCLK is not applied, there is a time after a hard
reset when the conversion may not accurately
correspond to the startup of the input structure.
This input is Schmitt-triggered.
3.15
Digital Power Supply (DVDD)
DVDD is the power supply voltage for the digital circuitry
within the MCP3913. It is distributed on several pins
(pins 20 and 33 in the UQFN package, one pin only in
the SSOP-28 package). For optimal performance, it is
recommended to connect these pins together using a
star connection and to connect appropriate bypass
capacitors (typically a 10 µF in parallel with a 0.1 µF
ceramic). DVDD should be maintained between 2.7V
and 3.6V for specified operation.
At least one of these pins need to be properly con-
nected to ensure proper functionality of the device. All
of these pins need to be properly connected to ensure
optimal performance of the device. If any of these pins
are left floating, the accuracy and noise specifications
are not ensured.
3.16
Exposed Thermal Pad
This pin must be connected to AGND or left floating for
proper operation. Connecting it to AGND is preferable
for lowest noise performance and best thermal
behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com