Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913 Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP3913 Datasheet HTML 42Page - Microchip Technology MCP3913 Datasheet HTML 43Page - Microchip Technology MCP3913 Datasheet HTML 44Page - Microchip Technology MCP3913 Datasheet HTML 45Page - Microchip Technology MCP3913 Datasheet HTML 46Page - Microchip Technology MCP3913 Datasheet HTML 47Page - Microchip Technology MCP3913 Datasheet HTML 48Page - Microchip Technology MCP3913 Datasheet HTML 49Page - Microchip Technology MCP3913 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
MCP3913
DS20005227A-page 46
 2013 Microchip Technology Inc.
6.5.2
CONTINUOUS WRITE
The STATUSCOM register contains the write loop
settings for the internal register address pointer
(WRITE). For a continuous write, the address selection
can take the following two values:
SDO is always in a high-impedance state during a
continuous write
communication. Writing
to a
non-writable address (such as addresses 0x00 to
0x07) has no effect and does not increment the
address pointer. In this case, the user needs to stop the
communication and restart a communication with a
control byte pointing to a writable address (0x08 to
0x1F).
6.6
Situations that Reset and Restart
Active ADCs
Immediately after the following actions, the active
ADCs (the ones not in Soft Reset or Shutdown modes)
are reset and automatically restarted in order to provide
proper operation:
1.
Change in PHASE0/1 registers.
2.
Overwrite of the same PHASE0/1 register value.
3.
Change in the OSR<2:0> settings.
4.
Change in the PRE<1:0> settings.
5.
Change in the CLKEXT setting.
6.
Change in the VREFEXT setting.
After these temporary resets, the ADCs go back to
Normal operation, with no need for an additional
command. Each ADC data output register is cleared
during this process. The PHASE0/1 registers can be
used to serially soft reset the ADCs, without using the
RESET<5:0> bits in the Configuration register, if the
same value is written in one of the PHASE0/1 registers.
6.7
Data Ready Pin (DR)
To communicate when channel data is ready for trans-
mission, the data ready signal is available on the Data
Ready pin (DR) at the end of a channel conversion.
The data ready pin outputs an active-low pulse with a
pulse width equal to half a DMCLK clock period. After a
data ready pulse falling edge has occurred, the ADC
output data is updated within the tDODR timing and can
then be read through SPI communication.
The first data ready pulse after a Hard or a Soft Reset
is located after the settling time of the sinc filter (see
Table 5-3) plus the phase delay of the corresponding
channel (see Section 5.9 “Phase Delay Block”).
Each subsequent pulse is then periodic, and the period
is equal to a DRCLK clock period (see Equation 4-3
and Figure 1-3). The data ready pulse is always syn-
chronous with the internal DRCLK clock.
The DR pin can be used as an interrupt pin when con-
nected to an MCU or DSP, which will synchronize the
readings of the ADC data outputs. When not active-low,
this pin can either be in high-impedance (when
DR_HIZ = 0) or in a defined logic high state (when
DR_HIZ = 1). This is controlled through the STATUS-
COM register. This allows multiple devices to share the
same data ready pin (with a pull-up resistor connected
between DR and DVDD). If only the MCP3913 device is
connected on the interrupt bus, the DR pin does not
require a pull-up resistor, and therefore it is recom-
mended to use DR_HIZ = 1 configuration for such
applications.
The CS pin has no effect over the DR pin, which means
even if the CS pin is logic high, the data ready pulses
coming from the active ADC channels will still be
provided; the DR pin behavior is independent from the
SPI interface. While the RESET pin is logic low, the DR
pin is not active. The DR pin is latched in the logic low
state when the interrupt flag on the CRCREG is present
to signal that the desired registers configuration has
been
corrupted
(see
Section 6.11
“Detecting
Configuration Change Through CRC-16 Checksum
On Register Map and its Associated Interrupt
Flag”
).
TABLE 6-2:
ADDRESS SELECTION IN
CONTINUOUS WRITE
WRITE
Register Address Set Grouping for
Continuous Read Communications
0
Static (no incrementation)
1
Types (default)
Note:
When LOCK<7:0> is different than 0xA5,
all the addresses, except 0x1F, become
non-writable
(see
Section 4.13
“MCP3913 Delta-Sigma Architecture”
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com