Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913 Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP3913 Datasheet HTML 48Page - Microchip Technology MCP3913 Datasheet HTML 49Page - Microchip Technology MCP3913 Datasheet HTML 50Page - Microchip Technology MCP3913 Datasheet HTML 51Page - Microchip Technology MCP3913 Datasheet HTML 52Page - Microchip Technology MCP3913 Datasheet HTML 53Page - Microchip Technology MCP3913 Datasheet HTML 54Page - Microchip Technology MCP3913 Datasheet HTML 55Page - Microchip Technology MCP3913 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
MCP3913
DS20005227A-page 52
 2013 Microchip Technology Inc.
7.2
Power Supply Design and
Bypassing
The MCP3913 device was designed to measure posi-
tive and negative voltages that might be generated by
a current sensing device. This current sensing device,
with a common mode voltage close to 0V, is referred to
as AGND, which is a shunt or current transformer (CT)
with burden resistors attached to ground. The high per-
formance and good flexibility that characterize this
ADC enables them to be used in other applications, as
long as the absolute voltage on each pin, referred to
AGND, stays in the -1V to +1V interval.
In any system, the analog ICs (such as references or
operational amplifiers) are always connected to the
analog ground plane. The MCP3913 should also be
considered as a sensitive analog component, and con-
nected to the analog ground plane. The ADC features
two pairs of pins: AGND, AVDD, DGND and DVDD. For
best performance, it is recommended to keep the two
pairs connected to two different networks (Figure 7-2).
This way, the design will feature two ground traces and
two power supplies (Figure 7-3).
This means the analog circuitry (including MCP3913)
and the digital circuitry (MCU) should have separate
power supplies and return paths to the external ground
reference, as described in Figure 7-2. An example of a
typical power supply circuit, with different lines for ana-
log and digital power, is shown in Figure 7-3. A possible
split example is shown in Figure 7-4, where the ground
star connection can be done at the bottom of the device
with the exposed pad. The split here between analog
and digital can be done under the device, and AVDD
and DVDD can be connected together with lines coming
under the ground plane.
Another possibility, sometimes easier to implement in
terms of PCB layout, is to consider the MCP3913 as an
analog component and, therefore, connect both AVDD
and DVDD together, and AGND and DGND together, with
a star connection. In this scheme, the decoupling
capacitors may be larger, due to the ripple on the digital
power supply (caused by the digital filters and the SPI
interface of the MCP3913) now causing glitches on the
analog power supply.
FIGURE 7-2:
All Analog and Digital
Return Paths Need to Stay Separate with Proper
Bypass Capacitors.
FIGURE 7-3:
Power Supply with Separate Lines for Analog and Digital Sections. Note the "Net Tie"
Object NT2 that Represents the Start Ground Connection.
VA
VD
MCU
“Star” Point
IA
ID
ID
IA
AVDD DVDD
AGND DGND
D-=
A-=
0.1 μF
MCP39XX
0.1 μF
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com