Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913 Datasheet(PDF) 62 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP3913 Datasheet HTML 58Page - Microchip Technology MCP3913 Datasheet HTML 59Page - Microchip Technology MCP3913 Datasheet HTML 60Page - Microchip Technology MCP3913 Datasheet HTML 61Page - Microchip Technology MCP3913 Datasheet HTML 62Page - Microchip Technology MCP3913 Datasheet HTML 63Page - Microchip Technology MCP3913 Datasheet HTML 64Page - Microchip Technology MCP3913 Datasheet HTML 65Page - Microchip Technology MCP3913 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
MCP3913
DS20005227A-page 62
 2013 Microchip Technology Inc.
8.4
PHASE1 Register – Phase
Configuration Register for
Channel Pairs 2/3 and 0/1
Any write to this register automatically resets and
restarts all active ADCs.
Name
Bits
Address
Cof.
PHASE1
24
0x0A
R/W
REGISTER 8-4:
PHASE REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PHASEB<11>
PHASEB<10>
PHASEB<9>
PHASEB<8>
PHASEB<7>
PHASEB<6>
PHASEB<5>
PHASEB<4>
bit 23
bit 16
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PHASEB<3>
PHASEB<2>
PHASEB<1>
PHASEB<0>
PHASEA<11>
PHASEA<10>
PHASEA<9>
PHASEA<8>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PHASEA<7>
PHASEA<6>
PHASEA<5>
PHASEA<4>
PHASEA<3>
PHASEA<2>
PHASEA<1>
PHASEA<0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-12
PHASEB<11:0>
Phase delay between channels CH2 and CH3 (reference). Delay = PHASEB<11:0>
decimal code/DMCLK
bit 11-0
PHASEA<11:0>
Phase delay between channels CH0 and CH1(reference). Delay = PHASEA<11:0>
decimal code/DMCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com