Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913 Datasheet(PDF) 65 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 65 Page - Microchip Technology

Back Button MCP3913 Datasheet HTML 61Page - Microchip Technology MCP3913 Datasheet HTML 62Page - Microchip Technology MCP3913 Datasheet HTML 63Page - Microchip Technology MCP3913 Datasheet HTML 64Page - Microchip Technology MCP3913 Datasheet HTML 65Page - Microchip Technology MCP3913 Datasheet HTML 66Page - Microchip Technology MCP3913 Datasheet HTML 67Page - Microchip Technology MCP3913 Datasheet HTML 68Page - Microchip Technology MCP3913 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
 2013 Microchip Technology Inc.
DS20005227A-page 65
MCP3913
bit 14
EN_INT:
Enable for the CRCREG interrupt function
1
= The interrupt flag for the CRCREG checksum verification is enabled. The data ready pin (DR) will
become logic low and stays logic low if a CRCREG checksum error happens. This interrupt is
cleared if the LOCK<7:0> value is made equal to the PASSWORD value (0xA5).
0
= The interrupt flag for the CRCREG checksum verification is disabled. The CRCREG<15:0> bits are
still calculated properly and can still be read in this mode. No interrupt is generated even when a
CRCREG checksum error happens. (Default)
bit 13-12
Reserved:
Should be kept equal to 0 at all times
bit 11-6
Unimplemented:
Read as 0
bit 5-0
DRSTATUS<5:0>:
Data ready status bit for each individual ADC channel
DRSTATUS<n> = 1 - Channel CHn data is not ready (DEFAULT)
DRSTATUS<n> = 0 - Channel CHn data is ready. The status bit is set back to '1' after reading the
STATUSCOM register. The status bit is not set back to '1' by the read of the corresponding channel
ADC data.
REGISTER 8-6:
STATUSCOM REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com