Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913 Datasheet(PDF) 60 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 60 Page - Microchip Technology

Back Button MCP3913 Datasheet HTML 56Page - Microchip Technology MCP3913 Datasheet HTML 57Page - Microchip Technology MCP3913 Datasheet HTML 58Page - Microchip Technology MCP3913 Datasheet HTML 59Page - Microchip Technology MCP3913 Datasheet HTML 60Page - Microchip Technology MCP3913 Datasheet HTML 61Page - Microchip Technology MCP3913 Datasheet HTML 62Page - Microchip Technology MCP3913 Datasheet HTML 63Page - Microchip Technology MCP3913 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
MCP3913
DS20005227A-page 60
 2013 Microchip Technology Inc.
8.2
MOD Register – Modulators
Output Register
The MOD register contains the most recent modulator
data output and is updated at a DMCLK rate. The
default value corresponds to an equivalent input of 0V
on all ADCs. Each bit in this register corresponds to
one comparator output on one of the channels. Do not
write to this register to ensure the accuracy of each
ADC.
.
Name
Bits
Address
Cof.
MOD
24
0x08
R/W
REGISTER 8-2:
MOD REGISTER
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
COMP3_CH5
COMP2_CH5
COMP1_CH5
COMP0_CH5
COMP3_CH4
COMP2_CH4
COMP1_CH4
COMP0_CH4
bit 23
bit 16
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
COMP3_CH3
COMP2_CH3
COMP1_CH3
COMP0_CH3
COMP3_CH2
COMP2_CH2
COMP1_CH2
COMP0_CH2
bit 15
bit 8
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
COMP3_CH1
COMP2_CH1
COMP1_CH1
COMP0_CH1
COMP3_CH0
COMP2_CH0
COMP1_CH0
COMP0_CH0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-20
COMPn_CH5
: Comparator Outputs from ADC Channel 5
bit 19-16
COMPn_CH4
: Comparator Outputs from ADC Channel 4
bit 15-12
COMPn_CH3
: Comparator Outputs from ADC Channel 3
bit 11-8
COMPn_CH2
: Comparator Outputs from ADC Channel 2
bit 7-4
COMPn_CH1
: Comparator Outputs from ADC Channel 1
bit 3-0
COMPn_CH0
: Comparator Outputs from ADC Channel 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com